Electronic Components Datasheet Search
  English  ▼

X  

W27LE520 Datasheet(PDF) 2 Page - Winbond

Part # W27LE520
Description  64K X 8 ELECTRICALLY ERASABLE EPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27LE520 Datasheet(HTML) 2 Page - Winbond

  W27LE520 Datasheet HTML 1Page - Winbond W27LE520 Datasheet HTML 2Page - Winbond W27LE520 Datasheet HTML 3Page - Winbond W27LE520 Datasheet HTML 4Page - Winbond W27LE520 Datasheet HTML 5Page - Winbond W27LE520 Datasheet HTML 6Page - Winbond W27LE520 Datasheet HTML 7Page - Winbond W27LE520 Datasheet HTML 8Page - Winbond W27LE520 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Advance Information W27LE520
- 2 -
FUNCTIONAL DESCRIPTION
Read Mode
Unlike conventional UVEPROMs, which has CE and OE two control functions, the W27LE520 has
one OE /VPP and one ALE (address_latch_enable) control functions. The ALE makes lower address
A[7:0] to be latched in the chip when it goes from high to low, so that the same bus can be used to
output data during read mode. i.e. lower address A[7:0] and data bus DQ[7:0] are multiplexed.
OE /VPP controls the output buffer to gate data to the output pins. When addresses are stable, the
address access time (TACC) is equal to the delay from ALE to output (TCE), and data are available at
the outputs TOE after the falling edge of OE /VPP, if TACC and TCE timings are met.
Erase Mode
The erase operation is the only way to change data from "0" to "1." Unlike conventional UVEPROMs,
which use ultraviolet light to erase the contents of the entire chip (a procedure that requires up to half
an hour), the W27LE520 uses electrical erasure. Generally, the chip can be erased within 100 mS by
using an EPROM writer with a special erase algorithm.
There are two ways to enter Erase mode. One is to raise OE /VPP to VPE (13V), VDD = VDE (6.5V), A9
= VHH (13V), A10 = high A8&A11 = low, and all other address pins include AD[7:0] keep at fixed low
or high. Pulsing ALE high starts the erase operation. The other way is somewhat like flash, by
programming two consecutive commands into the device and then enter Erase mode. The two
commands are loading Data = AA(hex) to Addr. = 5555(hex) and Data = 10(hex) to Addr. =
2AAA(hex). Be careful to note that the ALE pulse widths of these two commands are different: One is
50uS, while the other is 100mS. Please refer to the Smart Erase Algorithm 1 & 2.
Erase Verify Mode
The device will enter the Erase Verify Mode automatically after Erase Mode. Only power down the
device can force the device enter Normal Read Mode again.
Program Mode
Programming is the only way to change cell data from "1" to "0." The program mode is entered when
OE /VPP is raised to VPP (13V), VDD = VDP (6.5V), the address pins equal the desired addresses, and
the input pins equal the desired inputs. Pulsing ALE high starts the programming operation.
Program Verify Mode
The device will enter the Program Verify Mode automatically after Program Mode. Only power down
the device can force the device enter Normal Read Mode again.
Erase/Program Inhibit
Erase or program inhibit mode allows parallel erasing or programming of multiple chips with different
data. When ALE low, erasing or programming of non-target chips is inhibited, so that except for the
ALE and OE /VPP pins, the W27LE520 may have common inputs.
Standby Mode
The standby mode significantly reduces VDD current. This mode is entered when ALE and OE /VPP
keep high. In standby mode, all outputs are in a high impedance state.
System Considerations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com