Electronic Components Datasheet Search
  English  ▼

X  

LM4040 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # LM4040
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4040 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button LM4040 Datasheet HTML 8Page - Diodes Incorporated LM4040 Datasheet HTML 9Page - Diodes Incorporated LM4040 Datasheet HTML 10Page - Diodes Incorporated LM4040 Datasheet HTML 11Page - Diodes Incorporated LM4040 Datasheet HTML 12Page - Diodes Incorporated LM4040 Datasheet HTML 13Page - Diodes Incorporated LM4040 Datasheet HTML 14Page - Diodes Incorporated LM4040 Datasheet HTML 15Page - Diodes Incorporated LM4040 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
LM4040
SC70-5 (H5) End of Life Options
Part Number
+25°C Tol
Voltage
(V)
Status
(Note 4)
Package
(Note 5)
Identification
Code
Reel
Size
Tape
Width
Quantity
per Reel
LM4040B25H5TA
0.2%
2.5
End of Life
SC70-5
R2B
7”, 180mm
8mm
3000
LM4040B30H5TA
3.0
End of Life
SC70-5
R3B
7”, 180mm
8mm
3000
LM4040B50H5TA
5.0
End of Life
SC70-5
R5B
7”, 180mm
8mm
3000
LM4040C25H5TA
0.5%
2.5
End of Life
SC70-5
R2C
7”, 180mm
8mm
3000
LM4040C30H5TA
3.0
End of Life
SC70-5
R3C
7”, 180mm
8mm
3000
LM4040C50H5TA
5.0
End of Life
SC70-5
R5C
7”, 180mm
8mm
3000
LM4040D25H5TA
1%
2.5
End of Life
SC70-5
R2D
7”, 180mm
8mm
3000
LM4040D30H5TA
3.0
End of Life
SC70-5
R3D
7”, 180mm
8mm
3000
LM4040D50H5TA
5.0
End of Life
SC70-5
R5D
7”, 180mm
8mm
3000
Marking Information
RXX : Identification code
Part Number
Identification Code
LM4040B25H5TA
R2B
LM4040B30H5TA
R3B
LM4040B50H5TA
R5B
LM4040C25H5TA
R2C
LM4040C30H5TA
R3C
LM4040C50H5TA
R5C
LM4040D25H5TA
R2D
LM4040D30H5TA
R3D
LM4040D50H5TA
R5D
Package Outline Dimensions
Dim.
Min.
Max.
Typ.
A
1.1
0.8
-
A1
0.1
-
-
A2
1
0.8
-
b
0.3
0.15
-
C
0.25
0.08
-
D
2.00 BSC
E
2.10 BSC
E1
1.25 BSC
e
0.65 BSC
e1
1.30 BSC
L
0.46
0.26
-
a°
0
8
-
LM4040
Document number: DS33195 Rev. 8 - 2
15 of 16
www.diodes.com
August 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com