Electronic Components Datasheet Search
  English  ▼

X  

2CSF204592R4630 Datasheet(PDF) 2 Page - ABB

Part # 2CSF204592R4630
Description  F204 B-63/0,5 Residual Current Circuit Breaker
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

2CSF204592R4630 Datasheet(HTML) 2 Page - ABB

  2CSF204592R4630 Datasheet HTML 1Page - ABB 2CSF204592R4630 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation -25 ... +55 °C
Storage -40 ... +70 °C
Ambient Air Temperature
Following EU Directive 2011/65/EU
RoHS Status
Environmental
—
9AKK106713A5602
Declaration of Conformity - CE
Refer to RoHS
Environmental Information
Manual sheet inside the box
Instructions and Manuals
2CSC423001K2702
RoHS Information
Certificates and Declarations (Document Number)
—
1 piece
Package Level 1 Units
0.073 m
Package Level 1 Width
0.078 m
Package Level 1 Height
0.09 m
Package Level 1 Depth / Length
0.525 kg
Package Level 1 Gross Weight
8012542347637
Package Level 1 EAN
Container Information
—
Q
Object Classification Code
EC000003 - Residual current circuit breaker (RCCB)
ETIM 4
EC000003 - Residual current circuit breaker (RCCB)
ETIM 5
EC000003 - Residual current circuit breaker (RCCB)
ETIM 6
EC000003 - Residual current circuit breaker (RCCB)
ETIM 7
Classifications
—
Low Voltage Products and Systems → Modular DIN Rail Products → Residual Current Devices RCDs → Residual Current Devices RCDs
Categories
—
2
F204 B-63/0,5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com