Electronic Components Datasheet Search
  English  ▼

X  

2CSF204592R4630 Datasheet(PDF) 1 Page - ABB

Part # 2CSF204592R4630
Description  F204 B-63/0,5 Residual Current Circuit Breaker
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

2CSF204592R4630 Datasheet(HTML) 1 Page - ABB

  2CSF204592R4630 Datasheet HTML 1Page - ABB 2CSF204592R4630 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F204 B-63/0,5 Residual Current Circuit Breaker
F204 B-63/0,5
Extended Product Type
F204 B-63/0,5
Product ID
2CSF204592R4630
EAN
8012542347637
Catalog Description
F204 B-63/0,5 Residual Current Circuit Breaker
Long Description
The RCCBs F200 series assures protection to people and installations against fault current to earth. A large
offer for standard instantaneous and selective AC and A types is completed with some configurations for
special applications. This product is particularly suitable for the protection against smooth d.c. earth fault
currents.
—
General Information
1 piece
Minimum Order Quantity
85363030
Customs Tariff Number
Ordering
—
9AKK107046A0424
Data Sheet, Technical Information
Manual sheet inside the box
Instructions and Manuals
Popular Downloads
—
0.072 m
Product Net Width
0.085 m
Product Net Height
0.069 m
Product Net Depth / Length
0.380 kg
Product Net Weight
Dimensions
—
IEC/EN 61008
Standards
Instantaneous
Operating Characteristic
B type
Type of Residual Current
500 mA
Rated Residual Current
63 A
Rated Current (In)
4
Number of Poles
Right
Position of Neutral Terminals
at Rated Operating Conditions per Pole 4.5 W
Power Loss
Technical
—


Similar Part No. - 2CSF204592R4630

ManufacturerPart #DatasheetDescription
logo
ABB
2CSF204592R4400 ABB-2CSF204592R4400 Datasheet
205Kb / 2P
F204 B-40/0,5 Residual Current Circuit Breaker
More results

Similar Description - 2CSF204592R4630

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KA2LD ETC2-KA2LD Datasheet
405Kb / 8P
Residual current devices
logo
PHOENIX CONTACT
2806210 PHOENIX-2806210 Datasheet
71Kb / 5P
Residual current detection characteristics type B (DC up to 100 kHz)
2806223 PHOENIX-2806223 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
2806236 PHOENIX-2806236 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
2806249 PHOENIX-2806249 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
logo
Kemet Corporation
FG-R05-3A KEMET-FG-R05-3A Datasheet
851Kb / 11P
Residual current sensor
logo
Weidmuller
2603420000 WEIDMULLER-2603420000 Datasheet
186Kb / 4P
Residual current transformer, Primary current: 25A
2603430000 WEIDMULLER-2603430000 Datasheet
188Kb / 4P
Residual current transformer, Primary current: 25A
2603440000 WEIDMULLER-2603440000 Datasheet
186Kb / 4P
Residual current transformer, Primary current: 25A
November 4, 2021
2603450000 WEIDMULLER-2603450000 Datasheet
186Kb / 4P
Residual current transformer, Primary current: 25A
November 4, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com