Electronic Components Datasheet Search
  English  ▼

X  

B57350 Datasheet(PDF) 4 Page - EPCOS

Part # B57350
Description  NTC thermistors for temperature measurement
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57350 Datasheet(HTML) 4 Page - EPCOS

  B57350 Datasheet HTML 1Page - EPCOS B57350 Datasheet HTML 2Page - EPCOS B57350 Datasheet HTML 3Page - EPCOS B57350 Datasheet HTML 4Page - EPCOS B57350 Datasheet HTML 5Page - EPCOS B57350 Datasheet HTML 6Page - EPCOS B57350 Datasheet HTML 7Page - EPCOS B57350 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
R/T characteristics
B57350K0102J000
R/T No.
1009
T (
°C)
B25/100 = 3930 K, R25 = 990
Ω, T
R = 100
°C, ∆R
R/RR =
± 5%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
84586
70820
98352
16.3
2.4
6.8
50.0
60186
50755
69616
15.7
2.3
6.7
45.0
43222
36700
49745
15.1
2.3
6.5
40.0
31319
26767
35872
14.5
2.3
6.4
35.0
22892
19686
26098
14.0
2.3
6.2
30.0
16873
14596
19151
13.5
2.2
6.0
25.0
12525
10896
14154
13.0
2.2
5.9
20.0
9393
8216
10571
12.5
2.2
5.7
15.0
7084
6228
7941
12.1
2.2
5.5
10.0
5395
4766
6023
11.7
2.2
5.4
5.0
4132
3668
4597
11.2
2.2
5.2
0.0
3194
2848
3540
10.8
2.1
5.1
5.0
2490
2230
2750
10.4
2.1
4.9
10.0
1957
1760
2154
10.1
2.1
4.8
15.0
1550
1399
1700
9.7
2.1
4.6
20.0
1236
1120
1352
9.4
2.1
4.5
25.0
990.2
900.8
1080
9.0
2.1
4.3
30.0
801.6
731.9
871.4
8.7
2.1
4.2
35.0
650.8
596.3
705.4
8.4
2.0
4.1
40.0
531.7
488.8
574.7
8.1
2.0
4.0
45.0
437.4
403.3
471.4
7.8
2.0
3.9
50.0
361.8
334.6
388.9
7.5
2.0
3.8
55.0
300.3
278.6
322.0
7.2
2.0
3.7
60.0
250.7
233.2
268.1
6.9
2.0
3.5
65.0
210.6
196.5
224.7
6.7
1.9
3.5
70.0
177.9
166.4
189.3
6.4
1.9
3.4
75.0
150.7
141.4
160.0
6.2
1.9
3.3
80.0
128.2
120.6
135.8
5.9
1.9
3.2
85.0
109.6
103.3
115.8
5.7
1.8
3.1
90.0
94.02
88.86
99.18
5.5
1.8
3.0
95.0
80.98
76.71
85.24
5.3
1.8
2.9
100.0
70.00
66.50
73.50
5.0
1.7
2.9
105.0
60.78
57.59
63.98
5.3
1.9
2.8
110.0
52.96
50.07
55.85
5.5
2.0
2.7
115.0
46.27
43.65
48.89
5.7
2.1
2.7
120.0
40.55
38.18
42.93
5.9
2.2
2.6
125.0
35.65
33.50
37.81
6.0
2.4
2.5
130.0
31.44
29.48
33.39
6.2
2.5
2.5
135.0
27.82
26.04
29.60
6.4
2.6
2.4
Temperature measurement
B57350
Leadless NTCs
K350
Page 4 of 8
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com