Electronic Components Datasheet Search
  English  ▼

X  

B57350 Datasheet(PDF) 5 Page - EPCOS

Part # B57350
Description  NTC thermistors for temperature measurement
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57350 Datasheet(HTML) 5 Page - EPCOS

  B57350 Datasheet HTML 1Page - EPCOS B57350 Datasheet HTML 2Page - EPCOS B57350 Datasheet HTML 3Page - EPCOS B57350 Datasheet HTML 4Page - EPCOS B57350 Datasheet HTML 5Page - EPCOS B57350 Datasheet HTML 6Page - EPCOS B57350 Datasheet HTML 7Page - EPCOS B57350 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
B57350K0102J000
R/T No.
1009
T (
°C)
B25/100 = 3930 K, R25 = 990
Ω, T
R = 100
°C, ∆R
R/RR =
± 5%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
140.0
24.69
23.07
26.32
6.6
2.8
2.4
145.0
21.96
20.48
23.44
6.8
2.9
2.3
150.0
19.58
18.22
20.93
6.9
3.1
2.3
155.0
17.51
16.27
18.75
7.1
3.2
2.2
Temperature measurement
B57350
Leadless NTCs
K350
Page 5 of 8
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com