Electronic Components Datasheet Search
  English  ▼

X  

M50FW016 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M50FW016
Description  16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW016 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M50FW016 Datasheet HTML 6Page - STMicroelectronics M50FW016 Datasheet HTML 7Page - STMicroelectronics M50FW016 Datasheet HTML 8Page - STMicroelectronics M50FW016 Datasheet HTML 9Page - STMicroelectronics M50FW016 Datasheet HTML 10Page - STMicroelectronics M50FW016 Datasheet HTML 11Page - STMicroelectronics M50FW016 Datasheet HTML 12Page - STMicroelectronics M50FW016 Datasheet HTML 13Page - STMicroelectronics M50FW016 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
M50FW016
10/45
Table 3. Block Addresses
Size
(Kbytes)
Address Range
Block
Number
Block Type
64
1F0000h-1FFFFFh
31
Top Block
64
1E0000h-1EFFFFh
30
Main Block
64
1D0000h-1DFFFFh
29
Main Block
64
1C0000h-1CFFFFh
28
Main Block
64
1B0000h-1BFFFFh
27
Main Block
64
1A0000h-1AFFFFh
26
Main Block
64
190000h-19FFFFh
25
Main Block
64
180000h-18FFFFh
24
Main Block
64
170000h-17FFFFh
23
Main Block
64
160000h-16FFFFh
22
Main Block
64
150000h-15FFFFh
21
Main Block
64
140000h-14FFFFh
20
Main Block
64
130000h-13FFFFh
19
Main Block
64
120000h-12FFFFh
18
Main Block
64
110000h-11FFFFh
17
Main Block
64
100000h-10FFFFh
16
Main Block
64
0F0000h-0FFFFFh
15
Main Block
64
0E0000h-0EFFFFh
14
Main Block
64
0D0000h-0DFFFFh
13
Main Block
64
0C0000h-0CFFFFh
12
Main Block
64
0B0000h-0BFFFFh
11
Main Block
64
0A0000h-0AFFFFh
10
Main Block
64
090000h-09FFFFh
9
Main Block
64
080000h-08FFFFh
8
Main Block
64
070000h-07FFFFh
7
Main Block
64
060000h-06FFFFh
6
Main Block
64
050000h-05FFFFh
5
Main Block
64
040000h-04FFFFh
4
Main Block
64
030000h-03FFFFh
3
Main Block
64
020000h-02FFFFh
2
Main Block
64
010000h-01FFFFh
1
Main Block
64
000000h-00FFFFh
0
Main Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com