Electronic Components Datasheet Search
  English  ▼

X  

TLV825 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV825
Description  TLVx825 3.5MHz, 1.8V – 5.5V, High Precision, Zero-Drift Operational Amplifiers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV825 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV825 Datasheet HTML 17Page - Texas Instruments TLV825 Datasheet HTML 18Page - Texas Instruments TLV825 Datasheet HTML 19Page - Texas Instruments TLV825 Datasheet HTML 20Page - Texas Instruments TLV825 Datasheet HTML 21Page - Texas Instruments TLV825 Datasheet HTML 22Page - Texas Instruments TLV825 Datasheet HTML 23Page - Texas Instruments TLV825 Datasheet HTML 24Page - Texas Instruments TLV825 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
6.3.2 Input Common-Mode Range
The TLVx825 are specified for operation from 1.8V to 5.5V (±0.9V to ±2.75V). The TLVx825 is classified as a
rail-to-rail input operational amplifier because of the wide input common-mode voltage (VCM) range that extends
100mV beyond either supply rails. This range makes them an excellent choice for single supply operation and
precision low-side, high-side current sensing applications. The device achieves a typical CMRR of 120dB or
higher across the entire common-mode range for both 1.8V and 5.5V supply rails.
6.3.3 Output Range
The TLVx825 delivers a robust output drive capability. An output stage with common-source transistors is used
to achieve full rail-to-rail output swing capability. The device is designed to have a typical output short circuit
current of ±60mA at room temperature and at 5.5V, making the device an excellent choice for driving resistive
and current loads. For resistive loads up to 2kΩ and a power supply of 5.5V, the output swings within a
maximum of 30mV to either supply rail, thereby using almost the entire input range of an ADC in ADC driver
applications.
6.3.4 Capacitive Load and Stability
The TLVx825 is designed for use in applications where driving a capacitive load is required. As with all
operational amplifiers, there can be specific instances where the device can become unstable. The particular
operational amplifier circuit configuration, layout, gain, and output loading are some of the factors to consider
when establishing whether or not an amplifier is stable in operation.
An operational amplifier in the unity-gain (1V/V) buffer configuration that drives a capacitive load exhibits a
greater tendency to be unstable than an amplifier operating at a higher noise gain. The capacitive load,
in conjunction with the operational amplifier output resistance, creates a pole within the feedback loop that
degrades the phase margin. The degradation of the phase margin increases when capacitive loading increases.
When operating in the unity-gain configuration, the TLVx825 has a phase margin of 60° with 100pF of capacitive
load. The device remains stable with pure capacitive loads up to approximately 350pF with acceptable phase
margin of 35° and has no sustained oscillations up to 1nF. The equivalent series resistance (ESR) of some very
large capacitors (greater than 1μF) is sometimes sufficient to alter the phase characteristics in the feedback
loop such that the amplifier remains stable. Increasing the amplifier closed-loop gain allows the amplifier to drive
increasingly larger capacitance. This increased capability is evident when measuring the overshoot response of
the amplifier at higher voltage gains.
One technique for increasing the capacitive load drive capability of the amplifier operating in a unity-gain
configuration is to insert a small resistor (typically 10Ω to 50Ω) in series with the output, as shown in Figure 6-1.
This resistor significantly reduces the overshoot and ringing associated with large capacitive loads. This action
is typically the circuit configuration used in ADC driver application with Cload serving as a charge bucket for the
ADC sampling capacitor.
C
load
+
–
V
in
V
out
+V
s
R
iso
–V
s
Figure 6-1. Improving Capacitive Load Drive
www.ti.com
TLV825, TLV2825, TLV4825
SLVSLE3 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV825 TLV2825 TLV4825



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com