Electronic Components Datasheet Search
  English  ▼

X  

TLV825 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV825
Description  TLVx825 3.5MHz, 1.8V – 5.5V, High Precision, Zero-Drift Operational Amplifiers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV825 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV825 Datasheet HTML 9Page - Texas Instruments TLV825 Datasheet HTML 10Page - Texas Instruments TLV825 Datasheet HTML 11Page - Texas Instruments TLV825 Datasheet HTML 12Page - Texas Instruments TLV825 Datasheet HTML 13Page - Texas Instruments TLV825 Datasheet HTML 14Page - Texas Instruments TLV825 Datasheet HTML 15Page - Texas Instruments TLV825 Datasheet HTML 16Page - Texas Instruments TLV825 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±2.75V, VCM = VS / 2, and RL = 10kΩ (unless otherwise noted)
-3
-2
-1
0
1
2
3
Common-Mode Voltage (V)
-5
-4
-3
-2
-1
0
1
2
3
4
5
Figure 5-13. Offset Voltage vs Common-Mode Voltage
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (°C)
-5
-3.75
-2.5
-1.25
0
1.25
2.5
3.75
5
Figure 5-14. Offset Voltage vs Temperature
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
-5
-4
-3
-2
-1
0
1
2
3
4
5
Figure 5-15. Offset Voltage vs Supply Voltage
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
Common-Mode Voltage (V)
-200
-150
-100
-50
0
50
100
150
200
IB-
IB+
IOS
Figure 5-16. Input Bias Current vs Common-Mode Voltage
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (°C)
-150
-100
-50
0
50
100
150
IB-
IB+
IOS
Figure 5-17. Input Bias Current and Offset Current vs
Temperature
Figure 5-18. Open-Loop Gain and Phase vs Frequency
www.ti.com
TLV825, TLV2825, TLV4825
SLVSLE3 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV825 TLV2825 TLV4825



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com