Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AD Datasheet(PDF) 39 Page - Texas Instruments

Part # TPS25751AD
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AD Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS25751AD Datasheet HTML 35Page - Texas Instruments TPS25751AD Datasheet HTML 36Page - Texas Instruments TPS25751AD Datasheet HTML 37Page - Texas Instruments TPS25751AD Datasheet HTML 38Page - Texas Instruments TPS25751AD Datasheet HTML 39Page - Texas Instruments TPS25751AD Datasheet HTML 40Page - Texas Instruments TPS25751AD Datasheet HTML 41Page - Texas Instruments TPS25751AD Datasheet HTML 42Page - Texas Instruments TPS25751AD Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
8.3.3.3.3 VBUS UVLO
The TPS25751A monitors VBUS voltage and detects when the voltage falls below VVBUS_UVLO. When the
UVLO condition is detected, GATE_VBUS is disabled within tPPHV_RCP. When the UVLO condition is cleared,
GATE_VBUS is re-enabled within tPPHV_ON.
8.3.3.3.4 Discharging VBUS to Safe Voltage
The TPS25751A has an integrated active pulldown (IDSCH) on VBUS for discharging from high voltage to
VSAFE0V (0.8V). This discharge is applied when the device is in an Unattached Type-C state.
8.3.4 Cable Plug and Orientation Detection
Figure 8-20 shows the plug and orientation detection block at each CCy pin (CC1, CC2). Each pin has identical
detection circuitry.
VREF1
VREF2
VREF3
IRpDef
IRp1.5
IRp3.0
RSNK
CCy
Figure 8-20. Plug and Orientation Detection Block
8.3.4.1 Configured as a Source
When configured as a source, the TPS25751A detects when a cable or a Sink is attached using the CC1 and
CC2 pins. When in a disconnected state, the TPS25751A monitors the voltages on these pins to determine
what, if anything, is connected. See USB Type-C Specification for more information.
Cable Detect States for a Source shows the cable detect states for a source.
Table 8-1. Cable Detect States for a Source
CC1
CC2
CONNECTION STATE
RESULTING ACTION
Open
Open
Nothing attached
Continue monitoring both CCy pins for attach. Power is not applied to VBUS or
VCONN.
Rd
Open
Sink attached
Monitor CC1 for detach. Power is applied to VBUS but not to VCONN (CC2).
Open
Rd
Sink attached
Monitor CC2 for detach. Power is applied to VBUS but not to VCONN (CC1).
Ra
Open
Powered Cable-No UFP
attached
Monitor CC2 for a Sink attach and CC1 for cable detach. Power is not applied to
VBUS or VCONN (CC1).
www.ti.com
TPS25751A
SLVSJG7 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com