Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AD Datasheet(PDF) 49 Page - Texas Instruments

Part # TPS25751AD
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AD Datasheet(HTML) 49 Page - Texas Instruments

Back Button TPS25751AD Datasheet HTML 45Page - Texas Instruments TPS25751AD Datasheet HTML 46Page - Texas Instruments TPS25751AD Datasheet HTML 47Page - Texas Instruments TPS25751AD Datasheet HTML 48Page - Texas Instruments TPS25751AD Datasheet HTML 49Page - Texas Instruments TPS25751AD Datasheet HTML 50Page - Texas Instruments TPS25751AD Datasheet HTML 51Page - Texas Instruments TPS25751AD Datasheet HTML 52Page - Texas Instruments TPS25751AD Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
8.3.11 Digital Core
Figure 8-32 shows a simplified block diagram of the digital core.
GPIOx
I2Ct_SDA
I2Ct_SCL
I2Ct_IRQ
I2Cc_IRQ
Digital Core
ADC
Temp
Sense
ADC Read
Thermal
Shutdown
CBL_DET
Bias CTL
and USB-PD
I2Cc
(Controller)
I2Ct
(Target)
I2C to
System Control
OSC
USB PD Phy
I2Cc_SDA
I2Cc_SCL
I2C to
Battery Charger
Figure 8-32. Digital Core Block Diagram
8.4 Device Functional Modes
8.4.1 Power States
The TPS25751A can operate in one of three different power states: Active, Idle, or Sleep. The Modern Standby
mode is a special case of the Idle mode. The functionality available in each state is summarized in Section
6.7. The device automatically transitions between the three power states based on the circuits that are active
and required. See Figure 8-33. In the Sleep state, the TPS25751A detects a Type-C connection. Transitioning
between the Active mode to Idle mode requires a period of time (T) without any of the following activity:
• Incoming USB PD message
• Change in CC status
• GPIO input event
• I2C transactions
• Voltage alert
• Fault alert
www.ti.com
TPS25751A
SLVSJG7 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com