Electronic Components Datasheet Search
  English  ▼

X  

PIC16F785-E/SS Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16F785-E/SS
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F785-E/SS Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16F785-E/SS Datasheet HTML 17Page - Microchip Technology PIC16F785-E/SS Datasheet HTML 18Page - Microchip Technology PIC16F785-E/SS Datasheet HTML 19Page - Microchip Technology PIC16F785-E/SS Datasheet HTML 20Page - Microchip Technology PIC16F785-E/SS Datasheet HTML 21Page - Microchip Technology PIC16F785-E/SS Datasheet HTML 22Page - Microchip Technology PIC16F785-E/SS Datasheet HTML 23Page - Microchip Technology PIC16F785-E/SS Datasheet HTML 24Page - Microchip Technology PIC16F785-E/SS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 184 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41249B-page 19
PIC16F785
2.2.2.5
PIR1 Register
The Peripheral Interrupt (PIR1) Register 1 contains the
interrupt flag bits, as shown in Register 2-5.
REGISTER 2-5:
PIR1 – PERIPHERAL INTERRUPT REGISTER 1 (ADDRESS: 0Ch)
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the global
enable
bit,
GIE
(INTCON<7>).
User
software should ensure the appropriate
interrupt flag bits are clear prior to
enabling an interrupt.
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
EEIF
ADIF
CCP1IF
C2IF
C1IF
OSFIF
TMR2IF
TMR1IF
bit 7
bit 0
bit 7
EEIF: EEPROM Write Operation Interrupt Flag bit
1
= The write operation completed (must be cleared in software)
0
= The write operation has not completed or has not been started
bit 6
ADIF: A/D Interrupt Flag bit
1
= A/D conversion complete
0
= A/D conversion has not completed or has not been started
bit 5
CCP1IF: CCP1 Interrupt Flag bit
Capture mode:
1
= A TMR1 register capture occurred (must be cleared in software)
0
= No TMR1 register capture occurred
Compare mode:
1
= A TMR1 register compare match occurred (must be cleared in software)
0
= No TMR1 register compare match occurred
PWM mode:
Unused in this mode
bit 4
C2IF: Comparator 2 Interrupt Flag bit
1
= Comparator 2 output has changed (must be cleared in software)
0
= Comparator 2 output has not changed
bit 3
C1IF: Comparator 1 Interrupt Flag bit
1
= Comparator 1 output has changed (must be cleared in software)
0
= Comparator 1 output has not changed
bit 2
OSFIF: Oscillator Fail Interrupt Flag bit
1
= System oscillator failed, clock input has changed to INTOSC (must be cleared in software)
0
= System clock operating
bit 1
TMR2IF: Timer2 to PR2 Match Interrupt Flag bit
1
= Timer2 to PR2 match occurred (must be cleared in software)
0
= Timer2 to PR2 match has not occurred
bit 0
TMR1IF: Timer1 Overflow Interrupt Flag bit
1
= Timer1 register overflowed (must be cleared in software)
0
= Timer1 has not overflowed
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com