Electronic Components Datasheet Search
  English  ▼

X  

PIC16F785-E/SS Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16F785-E/SS
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F785-E/SS Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16F785-E/SS Datasheet HTML 5Page - Microchip Technology PIC16F785-E/SS Datasheet HTML 6Page - Microchip Technology PIC16F785-E/SS Datasheet HTML 7Page - Microchip Technology PIC16F785-E/SS Datasheet HTML 8Page - Microchip Technology PIC16F785-E/SS Datasheet HTML 9Page - Microchip Technology PIC16F785-E/SS Datasheet HTML 10Page - Microchip Technology PIC16F785-E/SS Datasheet HTML 11Page - Microchip Technology PIC16F785-E/SS Datasheet HTML 12Page - Microchip Technology PIC16F785-E/SS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 184 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41249B-page 7
PIC16F785
RC3/AN7/C12IN3-/OP1
7
RC3
TTL
CMOS
PORTC I/O
AN7
AN
—
A/D Channel 7 input
C12IN3-
AN
—
Comparator 1 and 2 inverting input
OP1
—
AN
Op Amp 1 output
RC4/C2OUT/PH2
6
RC4
TTL
CMOS
PORTC I/O
C2OUT
—
CMOS
Comparator 2 output
PH2
—
CMOS
PWM phase 2 output
RC5/CCP1
5
RC5
TTL
CMOS
PORTC I/O
CCP1
ST
CMOS
Capture input/Compare output
RC6/AN8/OP1-
8
RC6
TTL
CMOS
PORTC I/O
AN8
AN
—
A/D Channel 8 input
OP1-
AN
—
Op Amp 1 inverting input
RC7/AN9/OP1+
9
RC7
CMOS
PORTC I/O
AN9
AN
—
A/D Channel 9 input
OP1+
AN
—
Op Amp 1 non-inverting input
VSS
20
VSS
Power
—
Ground reference
VDD
1VDD
Power
—
Positive supply
TABLE 1-1:
PIC16F785 PINOUT DESCRIPTION (CONTINUED)
Name
Pin Function
Input
Type
Output
Type
Description
Legend:
TTL = TTL input buffer, ST = Schmitt Trigger input buffer, AN = Analog, OD = Open Drain output, HV = High Voltage
TABLE 1-2:
PIC16F785 PIN USAGE SUMMARY
I/O
Pin
Analog
Comp.
Op Amps
PWM
Timers
CCP
Interrupt Pull-ups
Basic
RA0
19
AN0
C1IN+
—
—
—
—
IOC
Y
ICSPDAT
RA1
18
AN1/VREF C12IN0-
—
—
—
—
IOC
Y
ICSPCLK
RA2
17
AN2
C1OUT
—
—
T0CKI
—
INT/IOC
Y
—
RA3(1)
4—
—
—
—
—
—
IOC
Y
MCLR
RA4
3
AN3
—
—
—
T1G
—
IOC
Y
OSC2/CLKOUT
RA5
2
—
—
—
—
T1CKI
—
IOC
Y
OSC1/CLKIN
RB413AN10
—
OP2-
—
—
—
—
—
—
RB5
12
AN11
—
OP2+
—
—
—
—
—
—
RB6(2)
11
—
—
—
—
—
—
—
—
—
RB7
10
—
—
—
SYNC
—
—
—
—
—
RC0
16
AN4
C2IN+
—
—
—
—
—
—
—
RC1
15
AN5
C12IN1-
—
PH1
—
—
—
—
—
RC2
14
AN6
C12IN2-
OP2
—
—
—
—
—
—
RC3
7
AN7
C12IN3-
OP1
—
—
—
—
—
—
RC4
6
—
C2OUT
—
PH2
—
—
—
—
—
RC5
5
—
—
—
—
—
CCP1
—
—
—
RC6
8
AN8
—
OP1-
—
—
—
—
—
—
RC7
9
AN9
—
OP1+
—
—
—
—
—
—
—1
—
—
—
—
—
—
—
—
VDD
—20
—
—
—
—
—
—
—
—
VSS
Note 1:
Input only.
2:
Open drain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com