Electronic Components Datasheet Search
  English  ▼

X  

LM78L Datasheet(PDF) 2 Page - Texas Instruments

Part # LM78L
Description  LM78L 100mA Fixed Output Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM78L Datasheet(HTML) 2 Page - Texas Instruments

  LM78L Datasheet HTML 1Page - Texas Instruments LM78L Datasheet HTML 2Page - Texas Instruments LM78L Datasheet HTML 3Page - Texas Instruments LM78L Datasheet HTML 4Page - Texas Instruments LM78L Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Thermal Information....................................................4
5.4 Recommended Operating Conditions.........................4
5.5 Electrical Characteristics: LM78L33 (New Chip
Only)..............................................................................5
5.6 Electrical Characteristics: LM78L05 (Legacy and
New Chip)......................................................................5
5.7 Electrical Characteristics: LM78L06 (New Chip
Only)..............................................................................6
5.8 Electrical Characteristics: LM78L09 (Legacy
Chip Only)..................................................................... 7
5.9 Electrical Characteristics: LM78L12 (Legacy and
New Chip)......................................................................7
5.10 Electrical Characteristics: LM78L15 (Legacy
and New Chip)...............................................................8
5.11 Electrical Characteristics: LM78L62 (Legacy
Chip Only)..................................................................... 9
5.12 Typical Characteristics............................................ 11
6 Detailed Description......................................................19
6.1 Overview................................................................... 19
6.2 Functional Block Diagram......................................... 19
6.3 Feature Description...................................................20
6.4 Device Functional Modes..........................................20
7 Application and Implementation.................................. 22
7.1 Application Information............................................. 22
7.2 Typical Applications.................................................. 22
7.3 Power Supply Recommendations.............................28
7.4 Layout....................................................................... 28
8 Device and Documentation Support............................30
8.1 Device Support......................................................... 30
8.2 Documentation Support............................................ 30
8.3 Receiving Notification of Documentation Updates....30
8.4 Support Resources................................................... 31
8.5 Trademarks...............................................................31
8.6 Electrostatic Discharge Caution................................31
8.7 Glossary....................................................................31
9 Revision History............................................................ 31
10 Mechanical, Packaging, and Orderable
Information.................................................................... 32
LM78L
SNVS754N – JANUARY 2000 – REVISED APRIL 2026
www.ti.com
2
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LM78L



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com