Electronic Components Datasheet Search
  English  ▼

X  

LM78L Datasheet(PDF) 4 Page - Texas Instruments

Part # LM78L
Description  LM78L 100mA Fixed Output Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM78L Datasheet(HTML) 4 Page - Texas Instruments

  LM78L Datasheet HTML 1Page - Texas Instruments LM78L Datasheet HTML 2Page - Texas Instruments LM78L Datasheet HTML 3Page - Texas Instruments LM78L Datasheet HTML 4Page - Texas Instruments LM78L Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Input voltage, VIN (legacy chip)
35
V
Input voltage, VIN (new chip)
45
V
Operating junction temperature, TJ (legacy
chip)
LM78LxxACZ (TO-92)
0
125
°C
LM78LxxACM (SOIC)
0
125
LM78LxxAIM (SOIC)
-40
125
LM78LxxITP (thin DSBGA)
-40
85
Operating junction temperature, TJ (new chip)
-40
150
°C
Storage temperature, Tstg (legacy and new chip)
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
5.2 ESD Ratings
VALUE (Legacy Chip)
VALUE (New Chip)
UNIT
V(ESD
)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins(1)
±1000
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-
C101, all pins(2)
-
±1000
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
5.3 Thermal Information
THERMAL METRIC(1)
LM78Lxx
UNIT
D (SOIC) -
New Chip
D (SOIC) -
Legacy Chip
PK (SOT-89)
LP (TO-92)
YPB
(DSBGA)
8 PINS
8 PINS
3 PINS
3 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
115
128.8
54.7
158.7
108.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
60.3
76
88.1
75.2
1.3
°C/W
RθJB
Junction-to-board thermal resistance
55.6
69.3
9.6
—
31.4
°C/W
ψJT
Junction-to-top characterization parameter
16.2
26.3
6.2
30.2
4.5
°C/W
ψJB
Junction-to-board characterization parameter
55
68.8
9.7
138.2
31.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
—
7.7
—
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1)
MIN
TYP
MAX
UNIT
VIN
Input voltage (legacy chip)
30
V
Input voltage (new chip)
5.1
30
IO
Continuous output current
100
mA
CIN (2)
Input capacitor (3) (new chip only)
0.33
µF
COUT (2)
Output capacitor (4) (new chip only)
0.1
LM78L
SNVS754N – JANUARY 2000 – REVISED APRIL 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LM78L



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com