Electronic Components Datasheet Search
  English  ▼

X  

LM78L Datasheet(PDF) 7 Page - Texas Instruments

Part # LM78L
Description  LM78L 100mA Fixed Output Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM78L Datasheet(HTML) 7 Page - Texas Instruments

  LM78L Datasheet HTML 1Page - Texas Instruments LM78L Datasheet HTML 2Page - Texas Instruments LM78L Datasheet HTML 3Page - Texas Instruments LM78L Datasheet HTML 4Page - Texas Instruments LM78L Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 5 page
background image
5.7 Electrical Characteristics: LM78L06 (New Chip Only) (continued)
at specified junction temperature, VIN = 12V, CIN = 0.33µF, COUT = 0.1µF and IO = 40mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
IPK
Peak output current
TJ = 25°C
175
mA
ΔVO/ΔT
Average output voltage
temperature coefficient
IO = 5mA
TJ = 25°C
-0.088
mV/°C
VIN(MIN)
Minimum value of input
voltage required to maintain
line regulation
ΔVO = 2% of VO
TJ = 25°C
7.7
7.9
V
(1)
Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. Refer to the
Recommended Operating Conditions table for the operating temperature ranges of each package.
5.8 Electrical Characteristics: LM78L09 (Legacy Chip Only)
at specified junction temperature, VIN = 15V, CIN = 0.33µF, COUT = 0.1µF and IO = 40mA (unless otherwise noted)(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
TJ = 25°C
8.64
9
9.36
V
VIN = 11.5V to 24V, and
IO = 1mA to 40mA(3)
TJ = full range
8.55
9.45
IO = 1mA to 70mA(3)
8.55
9.45
ΔVO
Line regulation
VIN = 11.5V to 24V
TJ = 25°C
100
200
mV
VIN = 13V to 24V
90
150
Load regulation
IO = 1mA to 100mA
TJ = 25°C
20
90
mV
IO = 1mA to 40mA
10
45
IQ
Quiescent current
TJ = 25°C
2
5.5
mA
ΔIQ
Quiescent current change
VIN = 11.5V to 24V
TJ = full range
1.5
mA
IO = 1mA to 40mA
0.1
Vn
Output noise voltage
TJ = 25°C
70
μV
ΔVIN/ΔVO
Ripple rejection
f = 120Hz, VIN = 15V to 25V
TJ = 25°C
38
44
dB
IPK
Peak output current
TJ = 25°C
140
mA
ΔVO/ΔT
Average output voltage
temperature coefficient
IO = 5mA
TJ = 25°C
–0.9
mV/°C
VIN(MIN)
Minimum value of input
voltage required to maintain
line regulation
ΔVO = 2% of VO
TJ = 25°C
10.7
V
(1)
For the operating ranges of each package, see Absolute Maximum Ratings.
(2)
Limits are verified by production testing or correlation techniques using standard Statistical Quality Control (SQC) methods.
(3)
Power dissipation ≤ 0.75W.
5.9 Electrical Characteristics: LM78L12 (Legacy and New Chip)
at specified junction temperature, VIN = 19V, CIN = 0.33µF, COUT = 0.1µF and IO = 40mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
VO
Output voltage
Legacy chip
TJ = 25°C
11.5
12
12.5
V
VIN = 14.5V to 27V, and
IO = 1mA to 40mA(2)
TJ = full range
11.4
12.6
IO = 1mA to 70mA(2)
11.4
12.6
New chip
TJ = 25°C
11.8
12
12.3
VIN = 14.5V to 27V, and
IO = 1mA to 40mA
TJ = full range
11.65
12.35
IO = 1mA to 70mA
11.63
12.35
www.ti.com
LM78L
SNVS754N – JANUARY 2000 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LM78L



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com