Electronic Components Datasheet Search
  English  ▼

X  

LM78L Datasheet(PDF) 9 Page - Texas Instruments

Part # LM78L
Description  LM78L 100mA Fixed Output Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM78L Datasheet(HTML) 9 Page - Texas Instruments

  LM78L Datasheet HTML 1Page - Texas Instruments LM78L Datasheet HTML 2Page - Texas Instruments LM78L Datasheet HTML 3Page - Texas Instruments LM78L Datasheet HTML 4Page - Texas Instruments LM78L Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 5 page
background image
5.10 Electrical Characteristics: LM78L15 (Legacy and New Chip) (continued)
at specified junction temperature, VIN = 23V, CIN = 0.33µF, COUT = 0.1µF and IO = 40mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
ΔVO
Line regulation
Legacy chip
VIN = 17.5V to 30V
TJ = 25°C
37
250
mV
VI = 20V to 30V
25
140
New chip
VIN = 17.5V to 30V
61
92
VI = 20V to 30V
46
65
Load regulation
Legacy chip
IO = 1mA to 100mA
TJ = 25°C
35
150
mV
IO = 1mA to 40mA
12
75
New chip
IO = 1mA to 100mA
3
70
IO = 1mA to 40mA
1
30
IQ
Quiescent current
Legacy chip
TJ = 25°C
3
5
mA
New chip
TJ = 25°C
3.95
5.3
TJ = 125°C
5.5
ΔIQ
Quiescent current
change
Legacy chip
VIN = 20V to 30V
TJ = full range
1
mA
IO = 1mA to 40mA
0.1
New chip
VIN = 20V to 30V
0.47
IO = 1mA to 40mA
0.01
Vn
Output noise voltage
Legacy chip
f = 10Hz to 100kHz
TJ = 25°C
90
μV
New chip
388
ΔVIN/ΔVO Ripple rejection
Legacy chip
f = 120Hz, VIN = 18.5V to 28.5V
TJ = 25°C
37
51
dB
New chip
40
47
IPK
Peak output current
Legacy chip
TJ = 25°C
140
mA
New chip
TJ = 25°C
175
ΔVO/ΔT
Average output voltage
temperature coefficient
Legacy chip
IO = 5mA
TJ = 25°C
–1.3
mV/°C
New chip
IO = 5mA
TJ = 25°C
-0.079
VIN(MIN)
Minimum value of input
voltage required to
maintain line regulation
Legacy chip
ΔVO = 2% of VO
TJ = 25°C
16.7
17.5
V
New chip
ΔVO = 2% of VO
TJ = 25°C
16.7
16.8
(1)
Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. Refer to the
Recommended Operating Conditions table for the operating temperature ranges of legacy and new chip.
(2)
Power dissipation ≤ 0.75W.
5.11 Electrical Characteristics: LM78L62 (Legacy Chip Only)
at specified junction temperature, VIN = 12V, CIN = 0.33µF, COUT = 0.1µF and IO = 40mA (unless otherwise noted)(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
TJ = 25°C
5.95
6.2
6.45
V
VIN = 8.5V to 20V, and
IO = 1mA to 40mA(3)
TJ = full range
5.9
6.5
IO = 1mA to 70mA(3)
5.9
6.5
ΔVO
Line regulation
VIN = 8.5V to 20V
TJ = 25°C
65
175
mV
VIN = 9V to 20V
55
125
Load regulation
IO = 1mA to 100mA
TJ = 25°C
13
80
mV
IO = 1mA to 40mA
6
40
IQ
Quiescent current
TJ = 25°C
2
5.5
mA
ΔIQ
Quiescent current change
VIN = 8V to 20V
TJ = full range
1.5
mA
IO = 1mA to 40mA
0.1
Vn
Output noise voltage(4)
f = 10Hz to 100kHz
TJ = 25°C
50
μV
ΔVIN/ΔVO
Ripple rejection
f = 120Hz, VIN = 10V to 20V
TJ = 25°C
40
46
dB
TJ = 25°C
140
ΔVO/ΔT
Average output voltage
temperature coefficient
IO = 5mA
TJ = 25°C
-0.75
mV/°C
www.ti.com
LM78L
SNVS754N – JANUARY 2000 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LM78L



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com