Electronic Components Datasheet Search
  English  ▼

X  

RC32308 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # RC32308
Description  FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC32308 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button RC32308 Datasheet HTML 16Page - Renesas Technology Corp RC32308 Datasheet HTML 17Page - Renesas Technology Corp RC32308 Datasheet HTML 18Page - Renesas Technology Corp RC32308 Datasheet HTML 19Page - Renesas Technology Corp RC32308 Datasheet HTML 20Page - Renesas Technology Corp RC32308 Datasheet HTML 21Page - Renesas Technology Corp RC32308 Datasheet HTML 22Page - Renesas Technology Corp RC32308 Datasheet HTML 23Page - Renesas Technology Corp RC32308 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
R31DS0128EU0117 Rev.1.17
Page 20
May 8, 2026
RC32312, RC32308 Datasheet
2.22
SPI Target Timing Diagrams
Figure 5. SPI Target Timing Diagrams
2.23
SPI Target Timing Characteristics
Table 23. SPI Target Timing Characteristics
Symbol
Parameter
Minimum
Typical
Maximum
Unit
fMAX
Maximum operating frequency
0.1
-
20
MHz
tPWH
SCLK pulse width high
14
-
-
ns
tPWL
SCLK pulse width low
14
-
-
ns
tSU1
nCS setup time to SCLK rising or falling edge
10
-
-
ns
tHD1
nCS hold time from SCLK rising or falling edge
2
-
-
ns
tSU2
SDIO setup time to SCLK rising or falling edge
4
-
-
ns
tHD2
SDIO hold time from SCLK rising or falling edge
3
-
-
ns
tD1
Read data valid time from SCLK rising or falling edge
4.7
-
7.4
ns
tD2
SDIO read data Hi-Z time from CS high [1]
1. This is the time until the device releases the signal. Rise time to any specific voltage is dependent on pull-up resistor strength and PCB trace
loading.
0
-
14.5
ns
nCS
SCLK
SDI
SDIO (spi_del_out = 0)
Hi-Z
Hi-Z
spi_clk_sel = 0
nCS
SCLK
SDI
R/W
A(n)
A(n-1)
R/W
A(n)
A(n-1)
Write D(n)
Write D(n)
Hi-Z
Read D(n)
Read D(n)
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Read D(n)
Read D(n)
A(0)
SDIO (spi_del_out = 1)
Write D(n-1)
spi_clk_sel = 1
SDIO (spi_del_out = 0)
SDIO (spi_del_out = 1)
A(0)
Write D(n-1)
Read D(0)
Read D(0)
Write D(0)
Read D(0)
Read D(0)
Wr D(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com