Electronic Components Datasheet Search
  English  ▼

X  

RC32308 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RC32308
Description  FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC32308 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RC32308 Datasheet HTML 17Page - Renesas Technology Corp RC32308 Datasheet HTML 18Page - Renesas Technology Corp RC32308 Datasheet HTML 19Page - Renesas Technology Corp RC32308 Datasheet HTML 20Page - Renesas Technology Corp RC32308 Datasheet HTML 21Page - Renesas Technology Corp RC32308 Datasheet HTML 22Page - Renesas Technology Corp RC32308 Datasheet HTML 23Page - Renesas Technology Corp RC32308 Datasheet HTML 24Page - Renesas Technology Corp RC32308 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
R31DS0128EU0117 Rev.1.17
Page 21
May 8, 2026
RC32312, RC32308 Datasheet
3. Functional Description
3.1
Overview
The RC32312/RC32308 is an ultra-low phase noise jitter attenuator, multi-frequency synthesizer, synchronous
Ethernet synchronizer, and digitally controlled oscillator (DCO). This flexible, low-power device outputs clocks with
50fs RMS (12kHz to 20MHz) jitter supporting SerDes operating at rates up to 112Gbps and 25fs RMS (12kHz to
20MHz with 4MHz high pass filter) supporting SerDes operating at 224Gbps.
The RC32312 has four differential clock inputs and 12 differential clock outputs, see Figure 2. The RC32308 has
three differential clock inputs and eight differential clock outputs, see Figure 3. Both devices provide a digital PLL
(DPLL) with an ultra-low phase noise analog PLL (APLL) based clock synthesizer and three fractional output
divider (FOD) based clock synthesizers.
The differential clock inputs can each be configured as two single-ended inputs. The clock inputs can operate at
frequencies up to 1GHz for differential and 250MHz for single-ended. The differential outputs can be configured
as LVDS or HCSL (AC-LVPECL). When configured for LVDS or HCSL (AC-LVPECL), the differential outputs can
operate at frequencies up to 1GHz. Each differential output can be configured as two LVCMOS outputs that can
operate at frequencies up to 250MHz.
3.2
Device Frequency Reference
The RC32312, RC32308 requires a device frequency reference. The frequency reference must support the phase
noise, frequency accuracy, and frequency stability requirements of the intended application.
The frequency reference can be implemented using an external crystal resonator connected between the XIN and
XOUT pins and the device oscillator circuitry. Alternatively, an external oscillator can be connected to the XIN pin
to overdrive the internal oscillator circuitry.
If a crystal resonator is used for the frequency reference, the resonant frequency must be from 25MHz to 80MHz.
If an external oscillator is used, it must provide a low-phase noise clock with frequency from 25MHz to 150MHz.
For frequency reference requirements, see Table 9 and Table 10.
For all applications, the phase noise of the frequency reference, after filtering by the APLL, is the minimum phase
noise that will appear on all clocks output by the device.
For DPLL applications, the accuracy of the frequency reference determines the frequency accuracy of the
reference monitors and free-running clocks. The stability of the frequency reference determines the holdover
stability of the DPLL and it affects the lowest filtering bandwidth the DPLL can support.
For DCO and synthesizer applications, the accuracy of the frequency reference determines the frequency
accuracy of the free-running clocks. For DCO applications, the stability of the frequency reference determines the
stability of the DCO clocks when a source of synchronization is not available, and it affects the lowest filtering
bandwidth that a filtering algorithm can support.
The accuracy of the frequency reference should be chosen to meet the free-running frequency accuracy
requirements of the application (see Table 24 for examples) and to allow sufficient APLL frequency steering range
for a DPLL or DCO to lock the APLL to its reference and to track reference noise.
The available APLL frequency steering range (±FSTEER) is determined by the following expression:
FSTEER = |FTOL| - |FACC|; where FACC is the accuracy of the frequency reference. For the value of FTOL and for
additional details, see Table 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com