Electronic Components Datasheet Search
  English  ▼

X  

93LC56 Datasheet(PDF) 7 Page - Microchip Technology

Part # 93LC56
Description  Lowpower 3-wire non-volatile memories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC56 Datasheet(HTML) 7 Page - Microchip Technology

Back Button 93LC56 Datasheet HTML 3Page - Microchip Technology 93LC56 Datasheet HTML 4Page - Microchip Technology 93LC56 Datasheet HTML 5Page - Microchip Technology 93LC56 Datasheet HTML 6Page - Microchip Technology 93LC56 Datasheet HTML 7Page - Microchip Technology 93LC56 Datasheet HTML 8Page - Microchip Technology 93LC56 Datasheet HTML 9Page - Microchip Technology 93LC56 Datasheet HTML 10Page - Microchip Technology 93LC56 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
© 1994 Microchip Technology Inc.
DS00560D-page 7
Using the 93LC56 and 93LC66
8
0061
0006
do
equ
6
; eeprom output
0062
0007
datout
equ
7
; data out line (port_b)
0063
0006
datin
equ
6
; data in line (port_b)
0064
0005
sclk
equ
5
; clock line (port_b)
0065
0004
chpsel
equ
4
; chip select line (port_b)
0066
;
0067
;*************************************************************
0068
0000
org
01ffh
0069
01FF
0A2F
begin
goto
PWRUP
; set the reset vector
0070
0000
org
000h
0071
0000
0A2F
goto
PWRUP
0072
;
0073
;*************************************************************
0074
;
DELAY ROUTINE
0075
;
This routine takes the value in ‘loops’
0076
;
and multiplies it times 1 millisecond to
0077
;
determine delay time.
0078
;*************************************************************
0079
WAIT
0080
;
0081
0001
0C6E
top
movlw
.110
; timing adjustment variable
0082
0002
0036
movwf
loops2
0083
0003
0000
top2
nop
; sit and wait
0084
0004
0000
nop
0085
0005
0000
nop
0086
0006
0000
nop
0087
0007
0000
nop
0088
0008
0000
nop
0089
0009
02F6
decfsz
loops2
; inner loops complete?
0090
000A
0A03
goto
top2
; no, go again
0091
;
0092
000B
02F5
decfsz
loops
; outer loops complete?
0093
000C
0A01
goto
top
; no, go again
0094
000D
0800
retlw
0
; yes, return from sub
0095
;
0096
;**************************************************************
0097
;
Start Bit Subroutine
0098
;
this routine generates a start bit
0099
;
(Chip select and DI high when clock goes high)
0100
;**************************************************************;
0101
BSTART
0102
000E
0C8F
movlw
b’10001111'
16c5x/7x Cross-Assembler V4.12 Released
Mon Jun 06 10:49:06 1994
Page 3
Line
PC
Opcode
0103
000F
0006
tris
port_b
; set port b for output
0104
; except for the data out line
0105
0010
04C6
bcf
port_b,datin
; set datain and chipselect lines
0106
0011
0486
bcf
port_b,chpsel
; low just to check operation
0107
0012
04A6
bcf
port_b,sclk
; make sure clock starts low too.
0108
0013
0000
nop
0109
;
0110
0014
0586
bsf
port_b,chpsel
; set chip select line high
0111
0015
05C6
bsf
port_b,datin
; set data in line high
0112
0016
0000
nop
0113
0017
05A6
bsf
port_b,sclk
; set the clock line high to
0114
; generate the start bit
0115
0018
0000
nop
0116
0019
0000
nop
0117
001A
04A6
bcf
port_b,sclk
; set clock low again
0118
001B
0800
retlw
0
0119
;
0120
;*************************************************************
0121
;
BITOUT routine
0122
;
This routine takes one bit of data in ‘do’ and
0123
;
transmits it to the serial EE device
0124
;*************************************************************
8-105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com