Electronic Components Datasheet Search
  English  ▼

X  

93LC56 Datasheet(PDF) 11 Page - Microchip Technology

Part # 93LC56
Description  Lowpower 3-wire non-volatile memories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC56 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 93LC56 Datasheet HTML 7Page - Microchip Technology 93LC56 Datasheet HTML 8Page - Microchip Technology 93LC56 Datasheet HTML 9Page - Microchip Technology 93LC56 Datasheet HTML 10Page - Microchip Technology 93LC56 Datasheet HTML 11Page - Microchip Technology 93LC56 Datasheet HTML 12Page - Microchip Technology 93LC56 Datasheet HTML 13Page - Microchip Technology 93LC56 Datasheet HTML 14Page - Microchip Technology 93LC56 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
© 1994 Microchip Technology Inc.
DS00560D-page 11
Using the 93LC56 and 93LC66
8
16c5x/7x Cross-Assembler V4.12 Released
Mon Jun 06 10:49:00 1994
Page 1
Line
PC
Opcode
0001
LIST P=16C54,c=132
0002
;****************************************************************
0003
;
3-Wire Byte Write with Data Poll Program (107 bytes)
0004
;
0005
;
This program demonstrates how to interface a
0006
;
Microchip PIC16C54 to a 93LC56 or 93LC66 Serial EE
0007
;
device. This program will execute the erase/write enable
0008
;
command, write to 8 consecutive addresses, and then
0009
;
use the ‘data polling’ method to determine when the
0010
;
write cycle is complete.
The program then executes
0011
;
the erase/write disable command.
This sequence will
0012
;
repeat forever.
0013
;
0014
;
When writing to a 3-wire serial EE device, the
0015
;
internally timed write cycle will begin after
0016
;
the opcode, address and data are sent to the
0017
;
device.
There are two ways to make sure that the
0018
;
cycle is complete before you send it another command.
0019
;
The simplest method is to simply wait for the maximum
0020
;
write cycle time, which can be obtained from the data book.
0021
;
A more efficient method is “Data polling.”
This is
0022
;
done by toggling the chip select line low and then
0023
;
back high after the opcode, address and data are sent.
0024
;
The chip select line must be low for at least 250ns
0025
;
before bringing it high again.
The device will pull
0026
;
the data out line low at that point, and set it high
0027
;
when the write cycle is complete.
The user can then check
0028
;
or “poll” the dataout line until it goes high before
0029
;
sending the next command.
0030
;
0031
;
As an option, the user can connect a LED to pin 18
0032
;
on the PIC16C54 (use about a 1K resistor in series) as a
0033
;
timeout indicator.
This LED will come on if the
0034
;
data polling is unsuccessful and the device being
0035
;
programmed does not respond.
This can be tested by
0036
;
simply running the program with no part in the socket.
0037
;
0038
;
This program communicates to the serial EE in the
0039
;
x16 mode, and ASSUMES THE USER HAS SET THE ORG PIN
0040
;
ON THE DEVICE TO Vcc.
0041
;
0042
;
Timing is based on using the PIC16C54 in ‘XT’ mode
0043
;
using a 4Mhz crystal.
Clock speeds to the serial EE
0044
;
will be approximately 50 kHz for this setup.
0045
;
0046
;
PIC16C54 to Serial EE Connections:
0047
;
0048
;
PIC16C54
Serial EE
0049
;
——————
——————
0050
;
Pin 10 (RB4) —> Chip Select
0051
;
Pin 11 (RB5) —> Clock
16c5x/7x Cross-Assembler V4.12 Released
Mon Jun 06 10:49:00 1994
Page 2
Line
PC
Opcode
0052
;
Pin 12 (RB6) —> Data In
0053
;
Pin 13 (RB7) —> Data Out
0054
;
ORG=Vcc
0055
;
0056
;************************************************************
0057
;
Register Assignments
0058
;************************************************************
0059
0005
port_a
equ
5h
; port 5 (port_a)
0060
0006
port_b
equ
6h
; port 6 (port b) used comm lines to serial EE
8-109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com