Electronic Components Datasheet Search
  English  ▼

X  

TPS53124 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53124
Description  Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53124 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS53124 Datasheet HTML 10Page - Texas Instruments TPS53124 Datasheet HTML 11Page - Texas Instruments TPS53124 Datasheet HTML 12Page - Texas Instruments TPS53124 Datasheet HTML 13Page - Texas Instruments TPS53124 Datasheet HTML 14Page - Texas Instruments TPS53124 Datasheet HTML 15Page - Texas Instruments TPS53124 Datasheet HTML 16Page - Texas Instruments TPS53124 Datasheet HTML 17Page - Texas Instruments TPS53124 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
APPLICATION INFORMATION
Loop Compensation and External Parts Selection
Ref
R1
R2
Voltage Devider
Switching Modulator
PWM
Logic
control
Driver
DRVH
DRVL
Vin
Lx
ESR
Co
Vc
1
2
3
SW
O
O
f
f
ESR C
p
=
£
´
´
(3)
[
]
10
OUT
RIPPLE
FBx
V
V
mV
V
=
´
(4)
TPS53124
SLUS825B – FEBRUARY 2008 – REVISED MAY 2008 ..................................................................................................................................................... www.ti.com
A buck converter system using D-CAP™ Mode can be simplified as below.
Figure 12. Simplifying the Modulator
The output voltage is compared with internal reference voltage after divider resistors,R1 and R2. The PWM
comparator determines the timing to turn on top MOSFET. The gain and speed of the comparator is high enough
to keep the voltage at the beginning of each on cycle (or the end of off cycle) substantially constant. The dc
output voltage may have line regulation due to ripple amplitude that slightly increases as the input voltage
increase.
For the loop stability, the 0dB frequency, f0, defined below need to be lower than 1/3 of the switching frequency.
Although D-CAP™ Mode provides many advantages such as ease-of-use, minimum external components
configuration and extremely short response time, a sufficient amount of feedback signal needs to be provided by
external circuit to reduce jitter level. This is due to not employing an error amplifier in the loop. The required
signal level is approximately 10 mV at the comparing point(VFB terminal). This gives Vripples at the output node
becomes Equation 4. The output capacitor’s ESR should meet this requirement.
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS53124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com