Electronic Components Datasheet Search
  English  ▼

X  

TPS62350 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62350
Description  800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62350 Datasheet(HTML) 3 Page - Texas Instruments

  TPS62350 Datasheet HTML 1Page - Texas Instruments TPS62350 Datasheet HTML 2Page - Texas Instruments TPS62350 Datasheet HTML 3Page - Texas Instruments TPS62350 Datasheet HTML 4Page - Texas Instruments TPS62350 Datasheet HTML 5Page - Texas Instruments TPS62350 Datasheet HTML 6Page - Texas Instruments TPS62350 Datasheet HTML 7Page - Texas Instruments TPS62350 Datasheet HTML 8Page - Texas Instruments TPS62350 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
RECOMMENDED OPERATING CONDITIONS
DISSIPATION RATINGS
(1)
ELECTRICAL CHARACTERISTICS
TPS62350, TPS62351
TPS62352, TPS62353
TPS62354, TPS62355, TPS62356
www.ti.com .............................................................................................................................................................. SLVS540E – MAY 2006 – REVISED APRIL 2008
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VI
Input voltage range
2.7
5.5
V
TA
Operating temperature range(1)
-40
85
°C
TJ
Operating virtual junction temperature range
-40
125
°C
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating junction temperature (TJ(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the part/package
in the application (
θ
JA), as given by the following equation: TA(max)= TJ(max)–(θJA X PD(max)).
POWER RATING
DERATING FACTOR
PACKAGE
RθJA
(2)
FOR TA ≤ 25°C
ABOVE TA = 25°C
DRC
49
°C/W
2050 mW
21 mW/
°C
YZG
89
°C/W
1100 mW
12 mW/
°C
(1)
Maximum power dissipation is a function of TJ(max), θJA and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = [TJ(max) – TA] / θJA.
(2)
This thermal data is measured with high-K board (4 layers board according to JESD51-7 JEDEC standard).
over operating free-air temperature range, typical values are at TA = 25°C. Unless otherwise noted, specifications apply with
VI = 3.6 V, EN = VI, VSEL = VI, SYNC = GND, VSEL0[6] bit = 1.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
TPS62350/1/2/3/4/5
110
150
IO = 0 mA, Fast PFM mode enabled
µA
Device not switching
TPS62356
117
160
Operating quiescent
IQ
TPS62350/1/2/3/4/5
28
45
IO = 0 mA, Light PFM mode enabled
current
µA
Device not switching
TPS62356
35
52
TPS62350/1/2/3/4/5/6
IO = 0 mA, 3-MHz PWM mode operation
4.8
mA
EN = GND, EN_DCDC bit = X
0.1
2
µA
I(SD)
Shutdown current
EN = VI, EN_DCDC bit = 0
6.5
µA
V(UVLO)
Undervoltage lockout threshold
2.20
2.3
V
ENABLE, VSEL, SDA, SCL, SYNC
VIH
High-level input voltage
1.2
V
VIL
Low-level input voltage
0.4
V
Ilkg
Input leakage current
Input tied to GND or VI
0.01
1
µA
POWER SWITCH
VI = V(GS) = 3.6 V, YZG package
250
500
TPS62350/1/2/3/4/5
VI = V(GS) = 3.6 V, DRC package
275
500
P-channel MOSFET on
rDS(on)
m
Ω
resistance
VI = V(GS) = 2.7 V, DRC package
350
750
TPS62356
VI = V(GS) = 3.2 V, YZG package
320
500
Ilkg
P-channel leakage current
V(DS) = 6 V
1
µA
VI = V(GS) = 3.6 V, YZG package
150
350
N-channel MOSFET on
rDS(on)
TPS62350/1/2/3/4/5/6
VI = V(GS) = 3.6 V, DRC package
165
350
m
Ω
resistance
VI = V(GS) = 2.7 V, YZG / DRC package
210
500
Ilkg
N-channel leakage current
V(DS) = 6 V
1
µA
R(DIS)
Discharge resistor for power-down sequence
15
50
Ω
TPS62350/1/2/3/4/5
1150
1350
1600
mA
P-MOS current limit
2.7 V
≤ VI ≤ 5.5 V
TPS62356
1300
1550
1800
mA
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS62350, TPS62351 TPS62352, TPS62353 TPS62354, TPS62355, TPS62356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com