Electronic Components Datasheet Search
  English  ▼

X  

TPS62350 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62350
Description  800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62350 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS62350 Datasheet HTML 25Page - Texas Instruments TPS62350 Datasheet HTML 26Page - Texas Instruments TPS62350 Datasheet HTML 27Page - Texas Instruments TPS62350 Datasheet HTML 28Page - Texas Instruments TPS62350 Datasheet HTML 29Page - Texas Instruments TPS62350 Datasheet HTML 30Page - Texas Instruments TPS62350 Datasheet HTML 31Page - Texas Instruments TPS62350 Datasheet HTML 32Page - Texas Instruments TPS62350 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
Voltage Scaling Management
V
NOM
(ROOF)
PWROK
OutputVoltageChangeInitiated
V
NOM
(FLOOR)
CompLowThreshold:V
NOM
(ROOF)
TPS62350, TPS62351
TPS62352, TPS62353
TPS62354, TPS62355, TPS62356
www.ti.com .............................................................................................................................................................. SLVS540E – MAY 2006 – REVISED APRIL 2008
In order to reduce the power consumption of the processor core, the TPS6235x can scale its output voltage.
There are two different strategies: 1) by software or 2) by hardware. It can be selected by the HW_nSW bit (more
information of the control and value bit mentioned below is shown in the Register Description section).
Synchronized Scaling Hardware Strategy (HW_nSW = 1)
The application processor programs via I2C the output voltages associated with the two states of VSEL signal:
floor (VSEL0) and roof (VSEL1) values. The application processor also writes the DEFSLEW value in the
CONTROL2 register to control the output voltage ramp rate.
These two registers can be continuously updated via I2C to provide the appropriate output voltage according to
the VSEL input. The voltage changes with the selected ramp rate immediately after writing to the VSEL0 or
VSEL1 register.
In PFM mode, when the output voltage is programmed to a lower value by toggling VSEL signal from high to low,
PWROK is defined as low, while the output capacitor is discharged by the load until the converter starts pulsing
to maintain the voltage within regulation.
In multiple-step mode, PWROK is defined as low while the output voltage is ramping up or down. Under all other
operating conditions, PWROK is defined to be low when the output voltage is below -1.5% of the target value.
Figure 52. PWROK Operation (Transition to a Lower Voltage)
Table 2 shows the output voltage states depending on VSEL0, VSEL1 registers, and VSEL signal.
Table 2. Synchronized Scaling Hardware Strategy Overview (HW_nSW = 1)
VSEL PIN
VSEL0 REGISTER
VSEL1 REGISTER
OUTPUT VOLTAGE
Low
No action
No action
Floor
Low
Write new value
No action
Change to new value
Low
No action
Write
No change stays at floor voltage
High
No action
No action
Roof
High
Write new value
No action
No change stays at roof voltage
High
No action
Write new value
Change to new value
Direct Scaling Software Strategy (HW_nSW = 0)
The digital processor writes the output voltage needed directly to the register VSEL1 via I2C interface. The
application processor also writes the DEFSLEW value in the CONTROL2 register to control the output voltage
ramp rate.
The voltage changes with the selected ramp rate after setting the GO bit in CONTROL2 register. This bit is reset
when the output voltage has reached its target value. In this mode, the output voltage change is independent of
VSEL signal and VSEL0 register is not used.
In PFM mode, when the output voltage is programmed to a lower value, PWROK is defined as low while the
output capacitor is discharged by the load until the converter starts pulsing to maintain the voltage within
regulation.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): TPS62350, TPS62351 TPS62352, TPS62353 TPS62354, TPS62355, TPS62356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com