Electronic Components Datasheet Search
  English  ▼

X  

TUSB2136 Datasheet(PDF) 40 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TUSB2136_07 Datasheet HTML 36Page - Texas Instruments TUSB2136_07 Datasheet HTML 37Page - Texas Instruments TUSB2136_07 Datasheet HTML 38Page - Texas Instruments TUSB2136_07 Datasheet HTML 39Page - Texas Instruments TUSB2136_07 Datasheet HTML 40Page - Texas Instruments TUSB2136_07 Datasheet HTML 41Page - Texas Instruments TUSB2136_07 Datasheet HTML 42Page - Texas Instruments TUSB2136_07 Datasheet HTML 43Page - Texas Instruments TUSB2136_07 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
2−27
•
The RXF bit in I2CSTA is set, and interrupts the MCU, indicating that data is available.
•
The MCU reads the I2CDAI register, clearing the RXF bit (I2CSTA[RXF] = 0).
•
This operation repeats 31 times.
3.
Last-Byte Read (byte 32)
•
The MCU sets I2CSTA[SRD] = 1. This forces the I2C controller to generate a stop condition after the
I2CDAI register is received.
•
Data from the device is latched into the I2CDAI register (stop condition is transmitted).
•
The RXF bit in I2CSTA is set, and interrupts the MCU, indicating that data is available.
•
The MCU reads the I2CDAI register, clearing the RXF bit (I2CSTA[RXF] = 0).
2.11.4 Write Operation (Serial EEPROM)
The byte write operation involves three phases: 1) device address + EEPROM [high byte] phase, 2) EEPROM [low
byte] phase, and 3) EEPROM [DATA]. The following describes the sequence of events to accomplish the byte write
transaction:
Device Address + EEPROM [high byte]
•
The MCU sets I2CSTA[SWR] = 0. This prevents the I2C controller from generating a stop condition after
the content of the I2CDAO register is transmitted.
•
The MCU writes the device address (R/W bit = 0) to the I2CADR register (write operation).
•
The MCU writes the high byte of the EEPROM address into the I2CDAO register, starting the transfer on
the SDA line.
•
The TXE bit in I2CSTA is cleared, indicating busy.
•
The content of the I2CADR register is transmitted to the device (preceded by a start condition on SDA).
•
The content of the I2CDAO register is transmitted to the device (EEPROM high-address).
•
The TXE bit in I2CSTA is set, and interrupts the MCU, indicating that the I2CDAO register has been
transmitted.
EEPROM [low byte]
•
The MCU writes the low byte of the EEPROM address into the I2CDAO register.
•
The TXE bit in I2CSTA is cleared, indicating busy.
•
The content of the I2CDAO register is transmitted to the device (EEPROM address).
•
The TXE bit in I2CSTA is set, and interrupts the MCU, indicating that the I2CDAO register has been
transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com