Electronic Components Datasheet Search
  English  ▼

X  

TUSB2136 Datasheet(PDF) 47 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TUSB2136_07 Datasheet HTML 43Page - Texas Instruments TUSB2136_07 Datasheet HTML 44Page - Texas Instruments TUSB2136_07 Datasheet HTML 45Page - Texas Instruments TUSB2136_07 Datasheet HTML 46Page - Texas Instruments TUSB2136_07 Datasheet HTML 47Page - Texas Instruments TUSB2136_07 Datasheet HTML 48Page - Texas Instruments TUSB2136_07 Datasheet HTML 49Page - Texas Instruments TUSB2136_07 Datasheet HTML 50Page - Texas Instruments TUSB2136_07 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 53 page
background image
4−2
18
× 8 Matrix
8
TUSB2136
P0[7:0]
P1[7:0]
P3.6
P3.7
8
1
1
8
P2[7:0]
Figure 4−2. Keyboard Matrix Scan Connection
C3
R1
R2
R3
R4
R5
VCC
VCC
I2C
EEPROM
VCC
VCC
Vreg
VREN
SUSP
C4
C5
X1
X2
SCL
SDA
PS
PWR OVCR
TUSB2136
C2
VR
TPS76333
C1
5 V
TPS2042
Figure 4−3. Partial Connection Bus Power Mode
3.3 V
1.5 k
Ω
D+
D−
DP0
DM0
1.5 k
Ω
D+
D−
DP0
DM0
Bus PWR
(5 V)
PUR
(a)
(b)
Figure 4−4. Upstream Connection (a) Non-Switching Power Mode (b) Switching Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com