Electronic Components Datasheet Search
  English  ▼

X  

LIS344ALH_0804 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LIS344ALH_0804
Description  MEMS inertial sensor high performance 3-axis ±2/±6g ultracompact linear accelerometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS344ALH_0804 Datasheet(HTML) 5 Page - STMicroelectronics

  LIS344ALH_0804 Datasheet HTML 1Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 2Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 3Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 4Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 5Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 6Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 7Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 8Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LIS344ALH
Block diagram and pin description
5/19
1
Block diagram and pin description
1.1
Block diagram
Figure 1.
Block diagram
1.2
Pin description
Figure 2.
Pin connection
S/H
S/H
Routx
Routz
REFERENCE
TRIMMING CIRCUIT
CLOCK
S/H
Routy
CHARGE
AMPLIFIER
DEMUX
VoutX
VoutZ
VoutY
Y+
Z+
Y-
Z-
X+
X-
a
SELF TEST
MUX
(TOP VIEW)
DIRECTIONS OF THE
DETECTABLE
ACCELERATIONS
(BOTTOM VIEW)
Y
1
X
Z
FS
ST
NC
Res
VoutX
NC
VoutY
NC
1
8
12
5
4
9
13
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com