Electronic Components Datasheet Search
  English  ▼

X  

LIS344ALH Datasheet(PDF) 7 Page - STMicroelectronics

Part # LIS344ALH
Description  MEMS inertial sensor high performance 3-axis ±2/±6g ultracompact linear accelerometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS344ALH Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LIS344ALH Datasheet HTML 3Page - STMicroelectronics LIS344ALH Datasheet HTML 4Page - STMicroelectronics LIS344ALH Datasheet HTML 5Page - STMicroelectronics LIS344ALH Datasheet HTML 6Page - STMicroelectronics LIS344ALH Datasheet HTML 7Page - STMicroelectronics LIS344ALH Datasheet HTML 8Page - STMicroelectronics LIS344ALH Datasheet HTML 9Page - STMicroelectronics LIS344ALH Datasheet HTML 10Page - STMicroelectronics LIS344ALH Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LIS344ALH
Mechanical and electrical specifications
7/19
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
Table 3.
Mechanical characteristics @ Vdd =3.3 V, T = 25 °C unless otherwise noted(1)
Symbol
Parameter
Test condition
Min.
Typ.(2)
Max.
Unit
Ar
Acceleration range(3)
FS pin connected to
GND
±1.8
± 2
g
FS pin connected to Vdd
±5.4
± 6
So
Sensitivity(4)
Full-scale = ±2 g
Vdd/5 - 5%
Vdd/5
Vdd/5 + 5%
V/g
Full-scale = ±6 g
Vdd/15 - 10%
Vdd/15
Vdd/15 + 10%
SoDr
Sensitivity change Vs
Temperature
Delta from +25 °C
± 0.01
%/°C
Voff
Zero-g level(4)
Full-scale = ±2 g
T = 25 °C
Vdd/2 - 5%
Vdd/2
Vdd/2 + 5%
V
OffDr
Zero-g level change Vs
Temperature
Delta from +25 °C
±0.4
mg/°C
NL
Non linearity(5)
Best fit straight line
Full-scale = ±2 g
±0.5
% FS
CrossAx Cross-axis(6)
±2
%
An
Acceleration noise
density
Vdd = 3.3 V;
Full-scale = ±2 g
50
µg/
Vt
Self test output voltage
change(7),(8),(9)
X axis
T = 25 °C; Vdd=3.3 V
80
140
200
mV
Y axis
T = 25 °C; Vdd=3.3 V
-200
-140
-80
mV
Z axis
T = 25 °C; Vdd=3.3 V
100
230
350
mV
Fres
Sensing element
resonant frequency(10)
X,Y,Z axis
1.8
KHz
Top
Operating temperature
range
-40
+85
°C
Wh
Product weight
0.040
gram
1.
The product is factory calibrated at 3.3 V. The operational power supply range is from 2.4 V to 3.6 V. Voff, So and Vt
parameters will vary with supply voltage.
2.
Typical specifications are not guaranteed.
3.
Guaranteed by wafer level test and measurement of initial offset and sensitivity.
4.
Zero-g level and sensitivity are essentially ratiometric to supply voltage at the calibration level ±8%.
5.
Guaranteed by design.
6.
Contribution to the measuring output of an inclination/acceleration along any perpendicular axis.
7.
“Self test output voltage change” is defined as Vout(Vst=Logic1)-Vout(Vst=Logic0).
8.
“Self test output voltage change” varies cubically with supply voltage.
9.
When full-scale is set to ±6 g, “Self test output voltage change” is one third of the specified value at ±2 g.
10. Minimum resonance frequency Fres=1.8 kHz. Sensor bandwidth=1/(2*
π*110kΩ*Cload), with Cload>1 nF.
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com