Electronic Components Datasheet Search
  English  ▼

X  

LIS344ALH Datasheet(PDF) 14 Page - STMicroelectronics

Part # LIS344ALH
Description  MEMS inertial sensor high performance 3-axis ±2/±6g ultracompact linear accelerometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS344ALH Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LIS344ALH Datasheet HTML 10Page - STMicroelectronics LIS344ALH Datasheet HTML 11Page - STMicroelectronics LIS344ALH Datasheet HTML 12Page - STMicroelectronics LIS344ALH Datasheet HTML 13Page - STMicroelectronics LIS344ALH Datasheet HTML 14Page - STMicroelectronics LIS344ALH Datasheet HTML 15Page - STMicroelectronics LIS344ALH Datasheet HTML 16Page - STMicroelectronics LIS344ALH Datasheet HTML 17Page - STMicroelectronics LIS344ALH Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Typical performance characteristics
LIS344ALH
14/19
5
Typical performance characteristics
5.1
Mechanical characteristics at 25 °C
Figure 5.
X axis Zero-g level at 3.3 V
Figure 6.
X axis Sensitivity at 3.3 V
Figure 7.
Y axis Zero-g level at 3.3 V
Figure 8.
Y axis Sensitivity at 3.3 V
Figure 9.
Z axis Zero-g level at 3.3 V
Figure 10.
Z axis Sensitivity at 3.3 V
1.6
1.61
1.62
1.63
1.64
1.65
1.66
1.67
1.68
1.69
1.7
0
5
10
15
20
25
30
Zero−g Level Offset [V]
0.62
0.63
0.64
0.65
0.66
0.67
0.68
0.69
0.7
0
2
4
6
8
10
12
14
16
Sensitivity [V/g]
1.6
1.61
1.62
1.63
1.64
1.65
1.66
1.67
1.68
1.69
1.7
0
5
10
15
20
25
Zero−g Level Offset [V]
0.62
0.63
0.64
0.65
0.66
0.67
0.68
0.69
0.7
0
5
10
15
Sensitivity [V/g]
1.6
1.61
1.62
1.63
1.64
1.65
1.66
1.67
1.68
1.69
1.7
0
5
10
15
20
25
Zero−g Level Offset [V]
0.62
0.63
0.64
0.65
0.66
0.67
0.68
0.69
0.7
0
2
4
6
8
10
12
14
Sensitivity [V/g]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com