Electronic Components Datasheet Search
  English  ▼

X  

R3112X14XA/C Datasheet(PDF) 10 Page - Nisshinbo Micro Devices Inc.

Part # R3112X14XA/C
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3112X14XA/C Datasheet(HTML) 10 Page - Nisshinbo Micro Devices Inc.

Back Button R3112X14XA/C Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R3112X14XA/C Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R3112X14XA/C Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R3112X14XA/C Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R3112X14XA/C Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R3112X14XA/C Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. R3112X14XA/C Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. R3112X14XA/C Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. R3112X14XA/C Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
R3112x
10
TEST CIRCUITS
Pull-up circuit is not necessary for CMOS Output type, or R3112xxxxC.
R3112x
VDD
VIN
ISS
GND
R3112x
VDD
OUT
+5V or VDD
470k
Ω
VIN
GND
Supply Current Test Circuit
Detector Threshold Test Circuit
VDD
OUT
VIN
VDS
GND
IOUT
R3112x
VDD
OUT
VIN
VDD+VDS
GND
IOUT
R3112x
Nch Driver Output Current Test Circuit
Pch Driver Output Current Test Circuit
Apply only to CMOS
VDD
CD
OUT
+5V or VDD
470k
Ω
VIN
GND
VDS
R3112x
VDD
CD
VIN
GND
VDS
ICD
R3112x
CD Pin Threshold Test Circuit
CD Pin Output Current Test Circuit
Input
Voltage
(VDD)
Output
Voltage
(VOUT)
VDET2.0V or 0.6V
0.7V
GND
100%
50%
GND
tD
tPHL
R3112x
VDD
CD
OUT
+5V
470k
Ω
VIN
GND
CD
Output Delay Time Test Circuit
*R3112Qxx2 (SC-88A) is the discontinued product as of March 2019.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com