Electronic Components Datasheet Search
  English  ▼

X  

R3112X14XA/C Datasheet(PDF) 13 Page - Nisshinbo Micro Devices Inc.

Part # R3112X14XA/C
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3112X14XA/C Datasheet(HTML) 13 Page - Nisshinbo Micro Devices Inc.

Back Button R3112X14XA/C Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R3112X14XA/C Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R3112X14XA/C Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. R3112X14XA/C Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. R3112X14XA/C Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. R3112X14XA/C Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. R3112X14XA/C Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. R3112X14XA/C Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. R3112X14XA/C Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
R3112x
13
R3112x27xA/C
R3112x27xA
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Input Voltage VIN(V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Nch Output Type: VDD pull up
Topt=-40
°C
25
°C
85
°C
6.0
5.0
4.0
3.0
2.0
1.0
0.0
Input Voltage VIN(V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
5V pull up via 470k
Ω
Topt=-40
°C
25
°C
85
°C
R3112x45xA/C
R3112x45xA
5.0
4.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
Input Voltage VIN(V)
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
Nch Output Type: VDD pull up
Topt=-40
°C
25
°C
85
°C
6.0
5.0
4.0
3.0
2.0
1.0
0.0
Input Voltage VIN(V)
0.0 0.5 1.0
2.0
3.5 4.0
5.0
2.5 3.0
1.5
4.5
5V pull up via 470k
Ω
Topt=-40
°C
25
°C
85
°C
4) Nch Driver Output Current vs. VDS
R3112x09xA/C
R3112x13xA/C
1.2
1.0
0.6
0.4
0.2
0
VDS(V)
0
0.2
0.4
0.6
0.8
1
0.8
Topt=25
°C
VDD=0.85V
0.7V
2.5
2.0
1.5
1.0
0.5
0
VDS(V)
0
0.2
0.4
0.6
0.8
1
Topt=25
°C
VDD=1.0V
0.85V
0.7V
*R3112Qxx2 (SC-88A) is the discontinued product as of March 2019.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com