Electronic Components Datasheet Search
  English  ▼

X  

TLV571 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV571
Description  2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV571 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV571 Datasheet HTML 9Page - Texas Instruments TLV571 Datasheet HTML 10Page - Texas Instruments TLV571 Datasheet HTML 11Page - Texas Instruments TLV571 Datasheet HTML 12Page - Texas Instruments TLV571 Datasheet HTML 13Page - Texas Instruments TLV571 Datasheet HTML 14Page - Texas Instruments TLV571 Datasheet HTML 15Page - Texas Instruments TLV571 Datasheet HTML 16Page - Texas Instruments TLV571 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
TLV571
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTER
SLAS239A – SEPTEMBER 1999 – REVISED FEBRUARY 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
software START conversion (continued)
signal-to-noise ratio + distortion (SINAD)
Signal-to-noise ratio + disortion is the ratio of the rms value of the measured input signal to the rms sum of all
other spectral components below the Nyquist frequency, including harmonics but excluding dc. The value for
SINAD is expressed in decibels.
effective number of bits (ENOB)
For a sine wave, SINAD can be expressed in terms of the number of bits. Using the following formula,
N = (SINAD – 1.76)/6.02
it is possible to get a measure of performance expressed as N, the effective number of bits. Thus, the effective
number of bits for a device for sine wave inputs at a given input frequency can be calculated directly from its
measured SINAD.
total harmonic distortion (THD)
Total harmonic distortion is the ratio of the rms sum of the first six harmonic components to the rms value of the
measured input signal and is expressed as a percentage or in decibels.
spurious free dynamic range (SFDR)
Spurious free dynamic range is the difference in dB between the rms amplitude of the input signal and the peak
spurious signal.
DSP interface
The TLV571 is a 8-bit single input channel analog-to-digital converter with throughput up to 1.25 MSPS at 5 V
and up to 625 KSPS at 3 V. To achieve 1.25 MSPS throughput, the ADC must be clocked at 20 MHz. Likewise
to achieve 625 KSPS throughout, the ADC must be clocked at 10 MHz. The TLV571 can be easily interfaced
to microcontrollers, ASICs, and DSPs. Figure 8 shows the pin connections to interface the TLV571 to the
TMS320C6x DSP.
Address
Decoder
EN
A0–A15
TMS320C6X
HW
HR
INTx
D0– D15
D0– D7
CS
WR
RD
EOC
TLV571
REF
AIN
REFP
REFM
Figure 8. TMS320C6x DSP Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com