Electronic Components Datasheet Search
  English  ▼

X  

TLV571 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV571
Description  2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV571 Datasheet(HTML) 2 Page - Texas Instruments

  TLV571 Datasheet HTML 1Page - Texas Instruments TLV571 Datasheet HTML 2Page - Texas Instruments TLV571 Datasheet HTML 3Page - Texas Instruments TLV571 Datasheet HTML 4Page - Texas Instruments TLV571 Datasheet HTML 5Page - Texas Instruments TLV571 Datasheet HTML 6Page - Texas Instruments TLV571 Datasheet HTML 7Page - Texas Instruments TLV571 Datasheet HTML 8Page - Texas Instruments TLV571 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TLV571
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTER
SLAS239A – SEPTEMBER 1999 – REVISED FEBRUARY 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
Internal
Clock
CLK
CS
RD
INT/EOC
MUX
8-BIT
SAR ADC
Input Registers
and Control Logic
WR
CSTART
REFP
Three
State
Latch
AVDD
D0 – D5
D6/A0
D7/A1
REFM
DVDD
DGND
AGND
AIN
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
21
Analog ground
AIN
23
I
ADC analog input
AVDD
22
Analog supply voltage, 2.7 V to 5.5 V
A0/D6
16
I/O
Bidirectional 3-state data bus. D6/A0 along with D7/A1 is used as address lines to access CR0 and CR1 for
initialization.
A1/D7
17
I/O
Bidirectional 3-state data bus. D7/A1 along with D6/A0 is used as address lines to access CR0 and CR1 for
initialization.
CLK
4
I
External clock input
CS
1
I
Chip select. A logic low on CS enables the TLV571.
CSTART
18
I
Hardware sample and conversion start input. The falling edge of CSTART starts sampling and the rising edge
of CSTART starts conversion.
DGND
5, 8, 9
Digital ground
DVDD
6
Digital supply voltage, 2.7 V to 5.5 V
D0 – D5
10 –15
I/O
Bidirectional 3-state data bus
INT/EOC
7
O
End-of-conversion/interrupt
NC
24
Not connected
RD
3
I
Read data. A falling edge on RD enables a read operation on the data bus when CS is low.
REFM
20
I
Lower reference voltage (nominally ground). REFM must be supplied or REFM pin must be grounded.
REFP
19
I
Upper reference voltage (nominally AVDD). The maximum input voltage range is determined by the difference
between the voltage applied to REFP and REFM.
WR
2
I
Write data. A rising edge on the WR latches in configuration data when CS is low. When using software
conversion start, a rising edge on WR also initiates an internal sampling start pulse. When WR is tied to ground,
the ADC in nonprogrammable (hardware configuration mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com