Electronic Components Datasheet Search
  English  ▼

X  

LMC660AIMEP Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC660AIMEP
Description  CMOS Quad Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC660AIMEP Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMC660AIMEP Datasheet HTML 2Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 3Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 4Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 5Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 6Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 7Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 8Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 9Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Typical Performance Characteristics
V
S = ±7.5V, TA = 25˚C unless otherwise specified
Supply Current
vs Supply Voltage
Offset Voltage
20114524
20114525
Input Bias Current
Output Characteristics
Current Sinking
20114526
20114527
Output Characteristics
Current Sourcing
Input Voltage Noise
vs Frequency
20114528
20114529
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com