Electronic Components Datasheet Search
  English  ▼

X  

LMC660AIMEP Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC660AIMEP
Description  CMOS Quad Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC660AIMEP Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMC660AIMEP Datasheet HTML 3Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 4Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 5Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 6Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 7Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 8Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 9Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 10Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Typical Performance Characteristics V
S = ±7.5V, TA = 25˚C unless otherwise specified (Continued)
CMRR vs Frequency
Open-Loop Frequency
Response
20114530
20114531
Frequency Response
vs Capacitive Load
Non-Inverting Large Signal
Pulse Response
20114532
20114533
Stability vs
Capacitive Load
Stability vs
Capacitive Load
20114534
20114535
Note: Avoid resistive loads of less than 500
Ω, as they may cause instability.
Application Hints
AMPLIFIER TOPOLOGY
The topology chosen for the LMC660EP, shown in Figure 1,
is unconventional (compared to general-purpose op amps)
in that the traditional unity-gain buffer output stage is not
used; instead, the output is taken directly from the output of
the integrator, to allow rail-to-rail output swing. Since the
buffer traditionally delivers the power to the load, while main-
taining high op amp gain and stability, and must withstand
shorts to either rail, these tasks now fall to the integrator.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com