Electronic Components Datasheet Search
  English  ▼

X  

DRA755 Datasheet(PDF) 2 Page - Texas Instruments

Part # DRA755
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA755 Datasheet(HTML) 2 Page - Texas Instruments

  DRA755 Datasheet HTML 1Page - Texas Instruments DRA755 Datasheet HTML 2Page - Texas Instruments DRA755 Datasheet HTML 3Page - Texas Instruments DRA755 Datasheet HTML 4Page - Texas Instruments DRA755 Datasheet HTML 5Page - Texas Instruments DRA755 Datasheet HTML 6Page - Texas Instruments DRA755 Datasheet HTML 7Page - Texas Instruments DRA755 Datasheet HTML 8Page - Texas Instruments DRA755 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 443 page
background image
2
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Device Overview
Copyright © 2015–2019, Texas Instruments Incorporated
1.2
Applications
•
Human-machine interface (HMI)
•
Navigation
•
Digital and analog radio
•
Rear seat entertainment
•
Multimedia playback
•
Web browsing
•
ADAS integration
(1)
For more information, see Section 10, Mechanical, Packaging, and Orderable Information.
1.3
Description
DRA75x and DRA74x (Jacinto 6) infotainment applications processors are built to meet the intense
processing needs of the modern infotainment-enabled automobile experiences.
The device enables Original-Equipment Manufacturers (OEMs) and Original-Design Manufacturers
(ODMs) to quickly implement innovative connectivity technologies, speech recognition, audio streaming,
and more. Jacinto 6 devices bring high processing performance through the maximum flexibility of a fully
integrated mixed processor solution. The devices also combine programmable video processing with a
highly integrated peripheral set.
Programmability is provided by dual-core Arm® Cortex®-A15 RISC CPUs with Arm® Neon™ extension, TI
C66x VLIW floating-point DSP core, and Vision AccelerationPac (with one or more EVEs). The Arm allows
developers to keep control functions separate from other algorithms programmed on the DSP and
coprocessors, thus reducing the complexity of the system software.
Additionally, TI provides a complete set of development tools for the Arm, DSP, and EVE coprocessor,
including C compilers and a debugging interface for visibility into source code.
The DRA75x and DRA74x Jacinto 6 processor family is qualified according to the AEC-Q100 standard.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
DRA756ABC
FCBGA (760)
23.0 mm × 23.0 mm
DRA755ABC
FCBGA (760)
23.0 mm × 23.0 mm
DRA754ABC
FCBGA (760)
23.0 mm × 23.0 mm
DRA756ABC
FCBGA (760)
23.0 mm × 23.0 mm
DRA755ABC
FCBGA (760)
23.0 mm × 23.0 mm
DRA754ABC
FCBGA (760)
23.0 mm × 23.0 mm
DRA752ABC
FCBGA (760)
23.0 mm × 23.0 mm
DRA751ABC
FCBGA (760)
23.0 mm × 23.0 mm
DRA750ABC
FCBGA (760)
23.0 mm × 23.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com