Electronic Components Datasheet Search
  English  ▼

X  

DRA755 Datasheet(PDF) 13 Page - Texas Instruments

Part # DRA755
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA755 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRA755 Datasheet HTML 9Page - Texas Instruments DRA755 Datasheet HTML 10Page - Texas Instruments DRA755 Datasheet HTML 11Page - Texas Instruments DRA755 Datasheet HTML 12Page - Texas Instruments DRA755 Datasheet HTML 13Page - Texas Instruments DRA755 Datasheet HTML 14Page - Texas Instruments DRA755 Datasheet HTML 15Page - Texas Instruments DRA755 Datasheet HTML 16Page - Texas Instruments DRA755 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 443 page
background image
13
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
NOTE
For programmable buffer strength:
–
The default value is given in Table 4-2.
–
A note describes all possible values according to the selected muxmode.
14. PULLUP / PULLDOWN TYPE: Denotes the presence of an internal pullup or pulldown resistor.
Pullup and pulldown resistors can be enabled or disabled via software.
–
PU: Internal pullup
–
PD: Internal pulldown
–
PU/PD: Internal pullup and pulldown
–
PUx/PDy: Programmable internal pullup and pulldown
–
PDy: Programmable internal pulldown
–
An empty box means No pull
15. DSIS: The deselected input state (DSIS) indicates the state driven on the peripheral input (logic "0" or
logic "1") when the peripheral pin function is not selected by any of the PINCNTLx registers.
–
0: Logic 0 driven on the peripheral's input signal port.
–
1: Logic 1 driven on the peripheral's input signal port.
–
blank: Pin state driven on the peripheral's input signal port.
NOTE
Configuring two pins to the same input signal is not supported as it can yield unexpected
results. This can be easily prevented with the proper software configuration. (Hi-Z mode is
not an input signal.)
NOTE
When a pad is set into a multiplexing mode which is not defined by pin multiplexing, that
pad’s behavior is undefined. This should be avoided.
CAUTION
Peripherals
exposed
in
Ball
Characteristics
Table
and
Multiplexing
Characteristics Table represent functionality of a DRA75x device. Not all
exposed peripherals are supported on DRA7xx devices. For peripherals
supported on DRA7xx family of products please refer to Table 3-1, Device
Comparison.
NOTE
Some of the DDR1 and DDR2 signals have an additional state change at the release of porz.
The state that the signals change to at the release of porz is as follows:
drive 0 (OFF) for: ddr1_csn0, ddr1_ck, ddr1_nck, ddr1_nck, ddr1_casn, ddr1_rasn,
ddr1_wen, ddr1_ba[2:0], ddr1_a[15:0], ddr2_csn0, ddr2_ck, ddr2_nck, ddr2_casn, ddr2_rasn,
ddr2_wen, ddr2_ba[2:0], ddr2_a[15:0].
OFF for: ddr1_ecc_d[7:0], ddr1_dqm[3:0], ddr1_dqm_ecc, ddr1_dqs[3:0], ddr1_dqsn[3:0],
ddr1_dqs_ecc, ddr1_dqsn_ecc, ddr1_d[31:0], ddr2_dqm[3:0], ddr2_dqs[3:0], ddr2_dqsn[3:0],
ddr2_d[31:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com