Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 166 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 166 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 162Page - Texas Instruments DRA751ABC Datasheet HTML 163Page - Texas Instruments DRA751ABC Datasheet HTML 164Page - Texas Instruments DRA751ABC Datasheet HTML 165Page - Texas Instruments DRA751ABC Datasheet HTML 166Page - Texas Instruments DRA751ABC Datasheet HTML 167Page - Texas Instruments DRA751ABC Datasheet HTML 168Page - Texas Instruments DRA751ABC Datasheet HTML 169Page - Texas Instruments DRA751ABC Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 443 page
background image
166
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-9. Maximum Supported Frequency (continued)
Module
Clock Sources
Instance Name
Input Clock Name
Clock
Type
Max. Clock
Allowed (MHz)
PRCM Clock Name
PLL / OSC /
Source Clock
Name
PLL / OSC /
Source Name
TIMER15
TIMER15_ICLK
Int
266
L4PER3_L3_GICLK
CORE_X2_CLK
DPLL_CORE
TIMER15_FCLK
Func
100
TIMER15_GFCLK
SYS_CLK1
OSC1
FUNC_32K_CLK
OSC1
RTC Oscillator
SYS_CLK2
OSC2
XREF_CLK0
XREF_CLK0
XREF_CLK1
XREF_CLK1
XREF_CLK2
XREF_CLK2
XREF_CLK3
XREF_CLK3
DPLL_ABE_X2_CL
K
DPLL_ABE
VIDEO1_CLK
DPLL_VIDEO1
VIDEO2_CLK
DPLL_VIDEO2
HDMI_CLK
DPLL_HDMI
TIMER16
TIMER16_ICLK
Int
266
L4PER3_L3_GICLK
CORE_X2_CLK
DPLL_CORE
TIMER16_FCLK
Func
100
TIMER16_GFCLK
SYS_CLK1
OSC1
FUNC_32K_CLK
OSC1
RTC Oscillator
SYS_CLK2
OSC2
XREF_CLK0
XREF_CLK0
XREF_CLK1
XREF_CLK1
XREF_CLK2
XREF_CLK2
XREF_CLK3
XREF_CLK3
DPLL_ABE_X2_CL
K
DPLL_ABE
VIDEO1_CLK
DPLL_VIDEO1
VIDEO2_CLK
DPLL_VIDEO2
HDMI_CLK
DPLL_HDMI
TPCC
TPCC_GCLK
Int
266
L3MAIN1_L3_GICLK
CORE_X2_CLK
DPLL_CORE
TPTC1
TPTC0_GCLK
Int
266
L3MAIN1_L3_GICLK
CORE_X2_CLK
DPLL_CORE
TPTC2
TPTC1_GCLK
Int
266
L3MAIN1_L3_GICLK
CORE_X2_CLK
DPLL_CORE
UART1
UART1_FCLK
Func
48
UART1_GFCLK
FUNC_192M_CLK
DPLL_PER
UART1_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
UART2
UART2_FCLK
Func
48
UART2_GFCLK
FUNC_192M_CLK
DPLL_PER
UART2_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
UART3
UART3_FCLK
Func
48
UART3_GFCLK
FUNC_192M_CLK
DPLL_PER
UART3_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
UART4
UART4_FCLK
Func
48
UART4_GFCLK
FUNC_192M_CLK
DPLL_PER
UART4_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
UART5
UART5_FCLK
Func
48
UART5_GFCLK
FUNC_192M_CLK
DPLL_PER
UART5_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
UART6
UART6_FCLK
Func
48
UART6_GFCLK
FUNC_192M_CLK
DPLL_PER
UART6_ICLK
Int
266
IPU_L3_GICLK
CORE_X2_CLK
DPLL_CORE
UART7
UART7_FCLK
Func
48
UART7_GFCLK
FUNC_192M_CLK
DPLL_PER
UART7_ICLK
Int
266
L4PER2_L3_GICLK
CORE_X2_CLK
DPLL_CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com