Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 167 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 167 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 163Page - Texas Instruments DRA751ABC Datasheet HTML 164Page - Texas Instruments DRA751ABC Datasheet HTML 165Page - Texas Instruments DRA751ABC Datasheet HTML 166Page - Texas Instruments DRA751ABC Datasheet HTML 167Page - Texas Instruments DRA751ABC Datasheet HTML 168Page - Texas Instruments DRA751ABC Datasheet HTML 169Page - Texas Instruments DRA751ABC Datasheet HTML 170Page - Texas Instruments DRA751ABC Datasheet HTML 171Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 443 page
background image
167
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-9. Maximum Supported Frequency (continued)
Module
Clock Sources
Instance Name
Input Clock Name
Clock
Type
Max. Clock
Allowed (MHz)
PRCM Clock Name
PLL / OSC /
Source Clock
Name
PLL / OSC /
Source Name
UART8
UART8_FCLK
Func
48
UART8_GFCLK
FUNC_192M_CLK
DPLL_PER
UART8_ICLK
Int
266
L4PER2_L3_GICLK
CORE_X2_CLK
DPLL_CORE
UART9
UART9_FCLK
Func
48
UART9_GFCLK
FUNC_192M_CLK
DPLL_PER
UART9_ICLK
Int
266
L4PER2_L3_GICLK
CORE_X2_CLK
DPLL_CORE
UART10
UART10_FCLK
Func
48
UART10_GFCLK
FUNC_192M_CLK
DPLL_PER
UART10_ICLK
Int
38.4
WKUPAON_GICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
USB1
USB1_MICLK
Int
266
L3INIT_L3_GICLK
CORE_X2_CLK
DPLL_CORE
USB3PHY_REF_C
LK
Func
34.3
USB_LFPS_TX_GFCL
K
CORE_USB_OTG_
SS_LFPS_TX_CLK
DPLL_CORE
USB2PHY1_TREF
_CLK
Func
38.4
USB_OTG_SS_REF_C
LK
SYS_CLK1
OSC1
USB2PHY1_REF_
CLK
Func
960
L3INIT_960M_GFCLK
L3INIT_960_GFCL
K
DPLL_USB
USB2
USB2_MICLK
Int
266
L3INIT_L3_GICLK
CORE_X2_CLK
DPLL_CORE
USB2PHY2_TREF
_CLK
Func
38.4
USB_OTG_SS_REF_C
LK
SYS_CLK1
OSC1
USB2PHY2_REF_
CLK
Func
960
L3INIT_960M_GFCLK
L3INIT_960_GFCL
K
DPLL_USB
USB3
USB3_MICLK
Int
266
L3INIT_L3_GICLK
CORE_X2_CLK
DPLL_CORE
USB3PHY_PWRS_
CLK
Func
38.4
USB_OTG_SS_REF_C
LK
SYS_CLK1
OSC1
USB4
USB4_MICLK
Int
266
L3INIT_L3_GICLK
CORE_X2_CLK
DPLL_CORE
DPLL_USBSS_RE
F_CLK
Func
38.4
USB_OTG_SS_REF_C
LK
SYS_CLK1
OSC1
USB_PHY1_CORE USB2PHY1_WKUP
_CLK
Func
0.032
COREAON_32K_GFCL
K
SYS_CLK1/610
OSC1
USB_PHY2_CORE USB2PHY2_WKUP
_CLK
Func
0.032
COREAON_32K_GFCL
K
SYS_CLK1/610
OSC1
USB_PHY3_CORE USB3PHY_WKUP_
CLK
Func
0.032
COREAON_32K_GFCL
K
SYS_CLK1/610
OSC1
VCP1
VCP1_CLK
Int
266
L3MAIN1_L3_GICLK
CORE_X2_CLK
DPLL_CORE
VCP2
VCP2_CLK
Int
266
L3MAIN1_L3_GICLK
CORE_X2_CLK
DPLL_CORE
VIP1
L3_CLK_PROC_CL
K
Int &
Func
266
VIP1_GCLK
CORE_X2_CLK
DPLL_CORE
CORE_ISS_MAIN_
CLK
DPLL_CORE
VIP2
L3_CLK_PROC_CL
K
Int &
Func
266
VIP2_GCLK
CORE_X2_CLK
DPLL_CORE
CORE_ISS_MAIN_
CLK
DPLL_CORE
VIP3
L3_CLK_PROC_CL
K
Int &
Func
266
VIP3_GCLK
CORE_X2_CLK
DPLL_CORE
CORE_ISS_MAIN_
CLK
DPLL_CORE
VPE
L3_CLK_PROC_CL
K
Int &
Func
300
VPE_GCLK
CORE_ISS_MAIN_
CLK
DPLL_CORE
VIDEO1_CLKOUT4
DPLL_VIDEO1
WD_TIMER1
PIOCPCLK
Int
38.4
WKUPAON_GICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
PITIMERCLK
Func
0.032
OSC_32K_CLK
RC_CLK
RC oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com