Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 171 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 171 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 167Page - Texas Instruments DRA751ABC Datasheet HTML 168Page - Texas Instruments DRA751ABC Datasheet HTML 169Page - Texas Instruments DRA751ABC Datasheet HTML 170Page - Texas Instruments DRA751ABC Datasheet HTML 171Page - Texas Instruments DRA751ABC Datasheet HTML 172Page - Texas Instruments DRA751ABC Datasheet HTML 173Page - Texas Instruments DRA751ABC Datasheet HTML 174Page - Texas Instruments DRA751ABC Datasheet HTML 175Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 443 page
background image
171
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-11. Dual Voltage LVCMOS I2C DC Electrical Characteristics (continued)
PARAMETER
MIN
NOM
MAX
UNIT
VIL
Input low-level threshold
0.3*VDDS
V
Vhys
Hysteresis
0.1*VDDS
V
IIN
Input current at each I/O pin with an input voltage
between 0.1*VDDS to 0.9*VDDS
12
µA
IOZ
IOZ(IPAD Current) for BIDI cell. This current is
contributed by the tristated driver leakage + input
current of the Rx + weak pullup/pulldown leakage.
PAD is swept from 0 to VDDS and the Max(I(PAD))
is measured and is reported as IOZ
12
µA
CIN
Input capacitance
10
pF
VOL3
Output low-level threshold open-drain at 3-mA
sink current
0.2*VDDS
V
IOLmin
Low-level output current @VOL=0.2*VDDS
3
mA
tOF
Output fall time from VIHmin to VILmax with a bus
capacitance CB from 10 pF to 400 pF
20+0.1*Cb
250
ns
I2C Standard Mode – 3.3 V
VIH
Input high-level threshold
0.7*VDDS
V
VIL
Input low-level threshold
0.3*VDDS
V
Vhys
Hysteresis
0.05*VDDS
V
IIN
Input current at each I/O pin with an input voltage
between 0.1*VDDS to 0.9*VDDS
31
80
µA
IOZ
IOZ(IPAD Current) for BIDI cell. This current is
contributed by the tristated driver leakage + input
current of the Rx + weak pullup/pulldown leakage.
PAD is swept from 0 to VDDS and the Max(I(PAD))
is measured and is reported as IOZ
31
80
µA
CIN
Input capacitance
10
pF
VOL3
Output low-level threshold open-drain at 3-mA
sink current
0.4
V
IOLmin
Low-level output current @VOL=0.4V
3
mA
IOLmin
Low-level output current @VOL=0.6V for full drive
load (400pF/400KHz)
6
mA
tOF
Output fall time from VIHmin to VILmax with a bus
capacitance CB from 5 pF to 400 pF
250
ns
I2C Fast Mode – 3.3 V
VIH
Input high-level threshold
0.7*VDDS
V
VIL
Input low-level threshold
0.3*VDDS
V
Vhys
Hysteresis
0.05*VDDS
V
IIN
Input current at each I/O pin with an input voltage
between 0.1*VDDS to 0.9*VDDSS
31
80
µA
IOZ
IOZ(IPAD Current) for BIDI cell. This current is
contributed by the tristated driver leakage + input
current of the Rx + weak pullup/pulldown leakage.
PAD is swept from 0 to VDDS and the Max(I(PAD))
is measured and is reported as IOZ
31
80
µA
CIN
Input capacitance
10
pF
VOL3
Output low-level threshold open-drain at 3-mA
sink current
0.4
V
IOLmin
Low-level output current @VOL=0.4V
3
mA
IOLmin
Low-level output current @VOL=0.6V for full drive
load (400pF/400KHz)
6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com