Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 175 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 175 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 171Page - Texas Instruments DRA751ABC Datasheet HTML 172Page - Texas Instruments DRA751ABC Datasheet HTML 173Page - Texas Instruments DRA751ABC Datasheet HTML 174Page - Texas Instruments DRA751ABC Datasheet HTML 175Page - Texas Instruments DRA751ABC Datasheet HTML 176Page - Texas Instruments DRA751ABC Datasheet HTML 177Page - Texas Instruments DRA751ABC Datasheet HTML 178Page - Texas Instruments DRA751ABC Datasheet HTML 179Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 443 page
background image
175
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
NOTE
USB1 and USB2 Electrical Characteristics are compliant with USB2.0 Specification Rev 2.0
dated April 27, 2000 including ECNs and Errata as applicable.
5.7.11
Dual Voltage SDIO1833 DC Electrical Characteristics
Table 5-18 summarizes the DC electrical characteristics for Dual Voltage SDIO1833 Buffers.
Table 5-18. Dual Voltage SDIO1833 DC Electrical Characteristics
PARAMETER
MIN
NOM
MAX
UNIT
Signal Names in Mode 0: mmc1_clk, mmc1_cmd, mmc1_data[3:0]
Bottom Balls: W6 / Y6 / AA6 / Y4 / AA5 / Y3
1.8-V Mode
VIH
Input high-level threshold
1.27
V
VIL
Input low-level threshold
0.58
V
VHYS
Input hysteresis voltage
50(2)
mV
IIN
Input current at each I/O pin
30
µA
IOZ
IOZ(IPAD Current) for BIDI cell. This current is contributed by the
tristated driver leakage + input current of the Rx + weak
pullup/pulldown leakage. PAD is swept from 0 to VDDS and the
Max(I(PAD)) is measured and is reported as IOZ
30
µA
IIN with
pulldown
enabled
Input current at each I/O pin with weak pulldown enabled
measured when PAD = VDDS
50
120
210
µA
IIN with
pullup
enabled
Input current at each I/O pin with weak pullup enabled measured
when PAD = 0
60
120
200
µA
CPAD
Pad capacitance (including package capacitance)
5
pF
VOH
Output high-level threshold (IOH = 2 mA)
1.4
V
VOL
Output low-level threshold (IOL = 2 mA)
0.45
V
3.3-V Mode
VIH
Input high-level threshold
0.625 ×
VDDS
V
VIL
Input low-level threshold
0.25 × VDDS
V
VHYS
Input hysteresis voltage
40(2)
mV
IIN
Input current at each I/O pin
110
µA
IOZ
IOZ(IPAD Current) for BIDI cell. This current is contributed by the
tristated driver leakage + input current of the Rx + weak
pullup/pulldown leakage. PAD is swept from 0 to VDDS and the
Max(I(PAD)) is measured and is reported as IOZ
110
µA
IIN with
pulldown
enabled
Input current at each I/O pin with weak pulldown enabled
measured when PAD = VDDS
40
100
290
µA
IIN with
pullup
enabled
Input current at each I/O pin with weak pullup enabled measured
when PAD = 0
10
100
290
µA
CPAD
Pad capacitance (including package capacitance)
5
pF
VOH
Output high-level threshold (IOH = 2 mA)
0.75 × VDDS
V
VOL
Output low-level threshold (IOL = 2 mA)
0.125 ×
VDDS
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com