Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 176 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 176 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 172Page - Texas Instruments DRA751ABC Datasheet HTML 173Page - Texas Instruments DRA751ABC Datasheet HTML 174Page - Texas Instruments DRA751ABC Datasheet HTML 175Page - Texas Instruments DRA751ABC Datasheet HTML 176Page - Texas Instruments DRA751ABC Datasheet HTML 177Page - Texas Instruments DRA751ABC Datasheet HTML 178Page - Texas Instruments DRA751ABC Datasheet HTML 179Page - Texas Instruments DRA751ABC Datasheet HTML 180Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 443 page
background image
176
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
(1) VDDS stands for corresponding power supply (that is vddshv8). For more information on the power supply name and the corresponding
ball, see Table 4-2, POWER [11] column.
(2) Hysteresis is enabled/disabled with CTRL_CORE_CONTROL_HYST_1.SDCARD_HYST register.
5.7.12 Dual Voltage LVCMOS DC Electrical Characteristics
Table 5-19 summarizes the DC electrical characteristics for Dual Voltage LVCMOS Buffers.
Table 5-19. Dual Voltage LVCMOS DC Electrical Characteristics
PARAMETER
MIN
NOM
MAX
UNIT
1.8-V Mode
VIH
Input high-level threshold
0.65*VDDS
V
VIL
Input low-level threshold
0.35*VDDS
V
VHYS
Input hysteresis voltage
100
mV
VOH
Output high-level threshold (IOH = 2 mA)
VDDS-0.45
V
VOL
Output low-level threshold (IOL = 2 mA)
0.45
V
IDRIVE
Pin Drive strength at PAD Voltage = 0.45V or
VDDS-0.45V
6
mA
IIN
Input current at each I/O pin
16
µA
IOZ
IOZ(IPAD Current) for BIDI cell. This current is
contributed by the tristated driver leakage + input
current of the Rx + weak pullup/pulldown leakage.
PAD is swept from 0 to VDDS and the Max(I(PAD))
is measured and is reported as IOZ
16
µA
IIN with pulldown
enabled
Input current at each I/O pin with weak pulldown
enabled measured when PAD = VDDS
50
120
210
µA
IIN with pullup
enabled
Input current at each I/O pin with weak pullup
enabled measured when PAD = 0
60
120
200
µA
CPAD
Pad capacitance (including package capacitance)
4
pF
ZO
Output impedance (drive strength)
40
Ω
3.3-V Mode
VIH
Input high-level threshold
2
V
VIL
Input low-level threshold
0.8
V
VHYS
Input hysteresis voltage
200
mV
VOH
Output high-level threshold (IOH =100 µA)
VDDS-0.2
V
VOL
Output low-level threshold (IOL = 100 µA)
0.2
V
IDRIVE
Pin Drive strength at PAD Voltage = 0.45V or
VDDS-0.45V
6
mA
IIN
Input current at each I/O pin
65
µA
IOZ
IOZ(IPAD Current) for BIDI cell. This current is
contributed by the tristated driver leakage + input
current of the Rx + weak pullup/pulldown leakage.
PAD is swept from 0 to VDDS and the Max(I(PAD))
is measured and is reported as IOZ
65
µA
IIN with pulldown
enabled
Input current at each I/O pin with weak pulldown
enabled measured when PAD = VDDS
40
100
200
µA
IIN with pullup
enabled
Input current at each I/O pin with weak pullup
enabled measured when PAD = 0
10
100
290
µA
CPAD
Pad capacitance (including package capacitance)
4
pF
ZO
Output impedance (drive strength)
40
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com