Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 202 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 202 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 198Page - Texas Instruments DRA751ABC Datasheet HTML 199Page - Texas Instruments DRA751ABC Datasheet HTML 200Page - Texas Instruments DRA751ABC Datasheet HTML 201Page - Texas Instruments DRA751ABC Datasheet HTML 202Page - Texas Instruments DRA751ABC Datasheet HTML 203Page - Texas Instruments DRA751ABC Datasheet HTML 204Page - Texas Instruments DRA751ABC Datasheet HTML 205Page - Texas Instruments DRA751ABC Datasheet HTML 206Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 443 page
background image
202
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
7
Timing Requirements and Switching Characteristics
7.1
Timing Test Conditions
All timing requirements and switching characteristics are valid over the recommended operating conditions
unless otherwise specified.
7.2
Interface Clock Specifications
7.2.1
Interface Clock Terminology
The interface clock is used at the system level to sequence the data and/or to control transfers accordingly
with the interface protocol.
7.2.2
Interface Clock Frequency
The two interface clock characteristics are:
•
The maximum clock frequency
•
The maximum operating frequency
The interface clock frequency documented in this document is the maximum clock frequency, which
corresponds to the maximum frequency programmable on this output clock. This frequency defines the
maximum limit supported by the Device IC and does not take into account any system consideration
(PCB, peripherals).
The system designer will have to consider these system considerations and the Device IC timing
characteristics as well to define properly the maximum operating frequency that corresponds to the
maximum frequency supported to transfer the data on this interface.
7.3
Timing Parameters and Information
The timing parameter symbols used in the timing requirement and switching characteristic tables are
created in accordance with JEDEC Standard 100. To shorten the symbols, some of pin names and other
related terminologies have been abbreviated as follows:
Table 7-1. Timing Parameters
SUBSCRIPTS
SYMBOL
PARAMETER
c
Cycle time (period)
d
Delay time
dis
Disable time
en
Enable time
h
Hold time
su
Setup time
START
Start bit
t
Transition time
v
Valid time
w
Pulse duration (width)
X
Unknown, changing, or don't care level
F
Fall time
H
High
L
Low
R
Rise time
V
Valid
IV
Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com