| Electronic Components Datasheet Search |
|
DRA751ABC Datasheet(PDF) 206 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA751ABC Datasheet(HTML) 206 Page - Texas Instruments |
|
206 / 443 page ![]() 206 DRA756, DRA755, DRA754, DRA752 DRA751, DRA750, DRA746, DRA745, DRA744 SPRS950F – DECEMBER 2015 – REVISED MAY 2019 www.ti.com Submit Documentation Feedback Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744 Timing Requirements and Switching Characteristics Copyright © 2015–2019, Texas Instruments Incorporated Table 7-2. Modes Summary (continued) Virtual or Manual IO Mode Name Data Manual Timing Mode No Virtual or Manual IO Timing Mode Required McASP4 Synchronous Transmit Timings MCASP4_VIRTUAL1_SYNC_RX See Table 7-58 No Virtual or Manual IO Timing Mode Required McASP5 Synchronous Transmit Timings MCASP5_VIRTUAL1_SYNC_RX See Table 7-59 No Virtual or Manual IO Timing Mode Required McASP6 Synchronous Transmit Timings MCASP6_VIRTUAL1_SYNC_RX See Table 7-60 No Virtual or Manual IO Timing Mode Required McASP7 Synchronous Transmit Timings MCASP7_VIRTUAL2_SYNC_RX See Table 7-61 No Virtual or Manual IO Timing Mode Required McASP8 Synchronous Transmit Timings MCASP8_VIRTUAL1_SYNC_RX See Table 7-62 GMAC No Virtual or Manual IO Timing Mode Required GMAC MII1/2 Timings GMAC_RMII0_MANUAL1 GMAC RMII0 Timings GMAC_RMII1_MANUAL1 GMAC RMII1 Timings GMAC_RGMII0_MANUAL1 GMAC RGMII0 Internal Delay Enabled Timings Mode GMAC_RGMII1_MANUAL1 GMAC RGMII1 Internal Delay Enabled Timings Mode MLB MLB_MANUAL1 MLB 3-Pin and 6-Pin Timings eMMC/SD/SDIO No Virtual or Manual IO Timing Mode Required MMC1 DS (Pad Loopback) and SDR12 (Pad Loopback) Timings MMC1_VIRTUAL1 MMC1 HS (Internal Loopback and Pad Loopback), SDR12 (Internal Loopback), SDR25 Timings (Internal Loopback and Pad Loopback) MMC1_VIRTUAL2 SDR50 (Pad Loopback) Timings MMC1_VIRTUAL5 MMC1 DS (Internal Loopback) Timings MMC1_VIRTUAL6 MMC1 SDR50 (Internal Loopback) Timings MMC1_VIRTUAL7 MMC1 DDR50 (Internal Loopback) Timings MMC1_DDR_MANUAL1 MMC1 DDR50 (Pad Loopback) Timings MMC1_SDR104_MANUAL1 MMC1 SDR104 Timings No Virtual or Manual IO Timing Mode Required MMC2 Standard (Pad Loopback), High Speed (Pad Loopback), and DDR (Pad Loopback) Timings MMC2_DDR_LB_MANUAL1 MMC2 DDR (Internal Loopback) Timings MMC2_HS200_MANUAL1 MMC2 HS200 Timings MMC2_STD_HS_LB_MANUAL1 MMC2 Standard (Internal Loopback), High Speed (Internal Loopback) Timings MMC3_MANUAL1 MMC3 DS, SDR12, HS, SDR25 Timings, SDR50 Timings MMC4_MANUAL1 MMC4 SDR12, HS, SDR25 Timings MMC4_DS_MANUAL1 MMC4 DS Timings |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |