| Electronic Components Datasheet Search |
|
DRA751ABC Datasheet(PDF) 123 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA751ABC Datasheet(HTML) 123 Page - Texas Instruments |
|
123 / 443 page ![]() 123 DRA756, DRA755, DRA754, DRA752 DRA751, DRA750, DRA746, DRA745, DRA744 www.ti.com SPRS950F – DECEMBER 2015 – REVISED MAY 2019 Submit Documentation Feedback Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744 Terminal Configuration and Functions Copyright © 2015–2019, Texas Instruments Incorporated Table 4-20. GMAC Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL mii0_rxd3 MII0 Receive Data I W9 mii0_rxd0 MII0 Receive Data I U6 mii0_rxclk MII0 Receive Clock I Y1 mii0_rxdv MII0 Receive Data Valid I V2 mii0_txclk MII0 Transmit Clock I U5 mii0_txd0 MII0 Transmit Data O W2 mii0_txd1 MII0 Transmit Data O Y2 mii0_txd2 MII0 Transmit Data O V4 mii0_txd3 MII0 Transmit Data O V5 mii0_txer MII0 Transmit Error O U4 mii0_rxer MII0 Receive Data Error I U7 mii0_col MII0 Collision Detect (Sense) I V1 mii0_crs MII0 Carrier Sense I V7 mii0_txen MII0 Transmit Data Enable O V3 rmii1_crs RMII1 Carrier Sense I V2 rmii1_rxer RMII1 Receive Data Error I Y1 rmii1_rxd1 RMII1 Receive Data I W9 rmii1_rxd0 RMII1 Receive Data I V9 rmii1_txen RMII1 Transmit Data Enable O U5 rmii1_txd1 RMII1 Transmit Data O V5 rmii1_txd0 RMII1 Transmit Data O V4 rmii0_crs RMII0 Carrier Sense I V7 rmii0_rxer RMII0 Receive Data Error I U7 rmii0_rxd1 RMII0 Receive Data I V6 rmii0_rxd0 RMII0 Receive Data I U6 rmii0_txen RMII0 Transmit Data Enable O V3 rmii0_txd1 RMII0 Transmit Data O Y2 rmii0_txd0 RMII0 Transmit Data O W2 mdio_mclk Management Data Serial Clock O AC5 / V1 / B21 / D3 mdio_d Management Data IO AB4 / U4 / B20 / F6 4.4.18 Media Local Bus (MLB) Interface NOTE MLB in 6-pin mode may require pullups/ pulldowns on SIG and DAT bus signals. For additional details, please consult the MLB bus interface specification. NOTE For more information, see the Serial Communication Interface / Media Local Bus (MLB) section of the device TRM. Table 4-21. MLB Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL mlb_sig Media Local Bus (MLB) Subsystem signal IO AB3 mlb_dat Media Local Bus (MLB) Subsystem data IO AA4 mlb_clk Media Local Bus (MLB) Subsystem clock I AA3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |