Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 124 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 124 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 120Page - Texas Instruments DRA751ABC Datasheet HTML 121Page - Texas Instruments DRA751ABC Datasheet HTML 122Page - Texas Instruments DRA751ABC Datasheet HTML 123Page - Texas Instruments DRA751ABC Datasheet HTML 124Page - Texas Instruments DRA751ABC Datasheet HTML 125Page - Texas Instruments DRA751ABC Datasheet HTML 126Page - Texas Instruments DRA751ABC Datasheet HTML 127Page - Texas Instruments DRA751ABC Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 443 page
background image
124
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-21. MLB Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
mlbp_sig_p
Media Local Bus (MLB) Subsystem signal differential pair (positive)
IODS
AC1
mlbp_sig_n
Media Local Bus (MLB) Subsystem signal differential pair (negative)
IODS
AC2
mlbp_dat_p
Media Local Bus (MLB) Subsystem data differential pair (positive)
IODS
AA1
mlbp_dat_n
Media Local Bus (MLB) Subsystem data differential pair (negative)
IODS
AA2
mlbp_clk_p
Media Local Bus (MLB) Subsystem clock differential pair (positive)
IOS
AB1
mlbp_clk_n
Media Local Bus (MLB) Subsystem clock differential pair (negative)
IOS
AB2
4.4.19 eMMC/SD/SDIO
NOTE
For more information, see the HS MMC/SDIO section of the device TRM.
Table 4-22. eMMC/SD/SDIO Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Multi Media Card 1
mmc1_clk(1)
MMC1 clock
IO
W6
mmc1_cmd
MMC1 command
IO
Y6
mmc1_sdcd
MMC1 Card Detect
I
W7
mmc1_sdwp
MMC1 Write Protect
I
Y9
mmc1_dat0
MMC1 data bit 0
IO
AA6
mmc1_dat1
MMC1 data bit 1
IO
Y4
mmc1_dat2
MMC1 data bit 2
IO
AA5
mmc1_dat3
MMC1 data bit 3
IO
Y3
Multi Media Card 2
mmc2_clk(1)
MMC2 clock
IO
J7
mmc2_cmd
MMC2 command
IO
H6
mmc2_sdcd
MMC2 Card Detect
I
G20
mmc2_sdwp
MMC2 Write Protect
I
G19
mmc2_dat0
MMC2 data bit 0
IO
J4
mmc2_dat1
MMC2 data bit 1
IO
J6
mmc2_dat2
MMC2 data bit 2
IO
H4
mmc2_dat3
MMC2 data bit 3
IO
H5
mmc2_dat4
MMC2 data bit 4
IO
K7
mmc2_dat5
MMC2 data bit 5
IO
M7
mmc2_dat6
MMC2 data bit 6
IO
J5
mmc2_dat7
MMC2 data bit 7
IO
K6
Multi Media Card 3
mmc3_clk(1)
MMC3 clock
IO
AD4
mmc3_cmd
MMC3 command
IO
AC4
mmc3_sdcd
MMC3 Card Detect
I
B21
mmc3_sdwp
MMC3 Write Protect
I
B20
mmc3_dat0
MMC3 data bit 0
IO
AC7
mmc3_dat1
MMC3 data bit 1
IO
AC6
mmc3_dat2
MMC3 data bit 2
IO
AC9
mmc3_dat3
MMC3 data bit 3
IO
AC3
mmc3_dat4
MMC3 data bit 4
IO
AC8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com