Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 132 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 132 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 128Page - Texas Instruments DRA751ABC Datasheet HTML 129Page - Texas Instruments DRA751ABC Datasheet HTML 130Page - Texas Instruments DRA751ABC Datasheet HTML 131Page - Texas Instruments DRA751ABC Datasheet HTML 132Page - Texas Instruments DRA751ABC Datasheet HTML 133Page - Texas Instruments DRA751ABC Datasheet HTML 134Page - Texas Instruments DRA751ABC Datasheet HTML 135Page - Texas Instruments DRA751ABC Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 443 page
background image
132
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-25. PWM Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
PWMSS2
eQEP2A_in
EQEP2 Quadrature Input A
I
AG6 / F4
eQEP2B_in
EQEP2 Quadrature Input B
I
AH4 / C1
eQEP2_index
EQEP2 Index Input
IO
AG4 / E4
eQEP2_strobe
EQEP2 Strobe Input
IO
AG2 / F5
ehrpwm2A
EHRPWM2 Output A
O
AC5 / E6
ehrpwm2B
EHRPWM2 Output B
O
AB4 / D3
ehrpwm2_tripzone_in
put
EHRPWM2 Trip Zone Input
IO
AD4 / F6
eCAP2_in_PWM2_out ECAP2 Capture Input / PWM Output
IO
AC4 / D5
PWMSS3
eQEP3A_in
EQEP3 Quadrature Input A
I
AC7 / C2
eQEP3B_in
EQEP3 Quadrature Input B
I
AC6 / C3
eQEP3_index
EQEP3 Index Input
IO
AC9 / C4
eQEP3_strobe
EQEP3 Strobe Input
IO
AC3 / B2
ehrpwm3A
EHRPWM3 Output A
O
AC8 / D6
ehrpwm3B
EHRPWM3 Output B
O
AD6 / C5
ehrpwm3_tripzone_in
put
EHRPWM3 Trip Zone Input
IO
AB8 / A3
eCAP3_in_PWM3_out ECAP3 Capture Input / PWM Output
IO
AB5 / B3
4.4.23 Audio Tracking Logic (ATL)
NOTE
For more information, see the Audio Tracking Logic (ATL) section of the device TRM.
Table 4-26. ATL Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
atl_clk0
Audio Tracking Logic Clock 0
O
D18
atl_clk1
Audio Tracking Logic Clock 1
O
E17
atl_clk2
Audio Tracking Logic Clock 2
O
B26
atl_clk3
Audio Tracking Logic Clock 3
O
C23
4.4.24 Test Interfaces
CAUTION
The I/O timings provided in Section 7, Timing Requirements and Switching
Characteristics are valid only if signals within a single IOSET are used. The
IOSETs are defined in the Table 7-151.
NOTE
For more information, see the On-Chip Debug Support / Debug Ports section of the device
TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com