Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 133 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 133 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 129Page - Texas Instruments DRA751ABC Datasheet HTML 130Page - Texas Instruments DRA751ABC Datasheet HTML 131Page - Texas Instruments DRA751ABC Datasheet HTML 132Page - Texas Instruments DRA751ABC Datasheet HTML 133Page - Texas Instruments DRA751ABC Datasheet HTML 134Page - Texas Instruments DRA751ABC Datasheet HTML 135Page - Texas Instruments DRA751ABC Datasheet HTML 136Page - Texas Instruments DRA751ABC Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 443 page
background image
133
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-27. Debug Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
tms
JTAG test port mode select. An external pullup resistor should be used on this
ball.
IO
F18
tdi
JTAG test data
I
D23
tdo
JTAG test port data
O
F19
tclk
JTAG test clock
I
E20
trstn
JTAG test reset
I
D20
rtck
JTAG return clock
O
E18
emu0(1)
Emulator pin 0
IO
G21
emu1(1)
Emulator pin 1
IO
D24
emu2
Emulator pin 2
O
F10
emu3
Emulator pin 3
O
D7
emu4
Emulator pin 4
O
A7
emu5
Emulator pin 5
O
E1 / G11
emu6
Emulator pin 6
O
G2 / E9
emu7
Emulator pin 7
O
H7 / F9
emu8
Emulator pin 8
O
G1 / F8
emu9
Emulator pin 9
O
G6 / E7
emu10
Emulator pin 10
O
F2 / D8
emu11
Emulator pin 11
O
F3 / A5
emu12
Emulator pin 12
O
D1 / C6
emu13
Emulator pin 13
O
E2 / C8
emu14
Emulator pin 14
O
D2 / C7
emu15
Emulator pin 15
O
F4 / A8
emu16
Emulator pin 16
O
C1 / C9
emu17
Emulator pin 17
O
E4 / A9
emu18
Emulator pin 18
O
F5 / B9
emu19
Emulator pin 19
O
E6 / A10
(1) EMU0 and EMU1 are multiplexed with GPIO. These pins will be sampled at reset release by the test and emulation logic. Therefore, if
they are used as GPIO pins, they must return to the high state whenever the device enters reset. This can be controlled by logic driven
from rstoutn. After the device exits reset (indicated by rstoutn rising), these can return to GPIO mode.
4.4.25 System and Miscellaneous
4.4.25.1 Sysboot
NOTE
For more information, see the Initialization (ROM Code) section of the device TRM.
Table 4-28. Sysboot Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
sysboot0
Boot Mode Configuration 0. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
M6
sysboot1
Boot Mode Configuration 1. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
M2
sysboot2
Boot Mode Configuration 2. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
L5
sysboot3
Boot Mode Configuration 3. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com