Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 137 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 137 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 133Page - Texas Instruments DRA751ABC Datasheet HTML 134Page - Texas Instruments DRA751ABC Datasheet HTML 135Page - Texas Instruments DRA751ABC Datasheet HTML 136Page - Texas Instruments DRA751ABC Datasheet HTML 137Page - Texas Instruments DRA751ABC Datasheet HTML 138Page - Texas Instruments DRA751ABC Datasheet HTML 139Page - Texas Instruments DRA751ABC Datasheet HTML 140Page - Texas Instruments DRA751ABC Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 443 page
background image
137
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-33. Observability Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
obs23
Observation Output 23
O
A5
obs24
Observation Output 24
O
C6
obs25
Observation Output 25
O
C8
obs26
Observation Output 26
O
C7
obs27
Observation Output 27
O
A7
obs28
Observation Output 28
O
A8
obs29
Observation Output 29
O
C9
obs30
Observation Output 30
O
A9
obs31
Observation Output 31
O
B9
obs_dmarq1
DMA Request External Observation Output 1
O
G11
obs_dmarq2
DMA Request External Observation Output 2
O
D8
obs_irq1
IRQ External Observation Output 1
O
F10
obs_irq2
IRQ External Observation Output 2
O
D7
4.4.26 Power Supplies
NOTE
For more information, see Power, Reset, and Clock Management / PRCM Subsystem
Environment / External Voltage Inputs section of the device TRM.
Table 4-34. Power Supply Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vdd
Core voltage domain supply
PWR
H13/ H14/ J17/ J18/
L7/ L8/ N10/ N13/
P11/ P12/ P13/ R11/
R16/ R19/ T13/ T16/
T19/ U8/ U9/ U13/
U16/ V8/ V16
vss
Ground
GND
A1/ A2/ A6/ A14/ A23/
A28/ B1/ D13/ D19/
E13/ E19/ F1/ F7/ G7/
G8/ G9/ H12/ J12/
J15/ J28/ K1/ K4/ K5/
K15/ K24/ K25/ L13/
L14/ M19/ N14/ N15/
N19/ N24/ N25/ P28/
R1/ R12/ R13/ R15/
R21/ T10/ T11/ T12/
T14/ T15/ T17/ T18/
T21/ U15/ U17/ U20/
U21/ V15/ V17/ W1/
W15/ W24/ W25/
W28/ AA8/ AA9/
AA10/ AA14/ AA15/
AA20/ AB14/ AB20/
AD1/ AD24/ AG1/
AH1/ AH2/ AH8/
AH20/ AH28
vdd_dspeve
DSP-EVE voltage domain supply
PWR
J13/ K10/ K11/ K12/
K13/ L10/ L11/ L12/
M10/ M11/ M12/ M13
vdd_iva
IVA voltage domain supply
PWR
U18/ U19/ V18/ V19
vdd_gpu
GPU voltage domain supply
PWR
U11/ U12/ V10/ V11/
V14/ W10/ W11/ W13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com