Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 140 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 140 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 136Page - Texas Instruments DRA751ABC Datasheet HTML 137Page - Texas Instruments DRA751ABC Datasheet HTML 138Page - Texas Instruments DRA751ABC Datasheet HTML 139Page - Texas Instruments DRA751ABC Datasheet HTML 140Page - Texas Instruments DRA751ABC Datasheet HTML 141Page - Texas Instruments DRA751ABC Datasheet HTML 142Page - Texas Instruments DRA751ABC Datasheet HTML 143Page - Texas Instruments DRA751ABC Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 443 page
background image
140
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
5
Specifications
NOTE
For more information, see Power, Reset, and Clock Management / PRCM Subsystem
Environment / External Voltage Inputs or Initialization / Preinitialization / Power Requirements
section of the Device TRM.
NOTE
The index numbers 1 and 2 which are part of the EMIF1 and EMIF2 signal prefixes (ddr1_*
and ddr2_*) listed in Table 4-7, EMIF Signal Descriptions, not to be confused with DDR1 and
DDR2 types of SDRAM memories.
NOTE
Audio Back End (ABE) module is not supported for this family of devices, but “ABE” name is
still present in some clock or DPLL names.
CAUTION
All IO Cells are NOT Fail-safe compliant and should not be externally driven in
absence of their IO supply.
5.1
Absolute Maximum Ratings
Stresses beyond those listed as absolute maximum ratings may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those listed under Section 5.4, Recommended Operating Conditions, is not implied. Exposure to
absolute maximum rated conditions for extended periods may affect device reliability.
Table 5-1. Absolute Maximum Rating Over Junction Temperature Range
PARAMETER(1)
MIN
MAX
UNIT
VSUPPLY (Steady-State)
Supply Voltage Ranges (Steady-
State)
Core (vdd, vdd_mpu, vdd_gpu,
vdd_dspeve, vdd_iva, vdd_rtc)
-0.3
1.5
V
Analog (vdda_usb1, vdda_usb2,
vdda_abe_per, vdda_ddr,
vdda_debug, vdda_dsp_eve,
vdda_gmac_core, vdda_gpu,
vdda_hdmi, vdda_iva, vdda_pcie,
vdda_pcie0, vdda_pcie1,
vdda_sata, vdda_usb3, vdda_video,
vdda_mpu, vdda_osc, vdda_rtc)
-0.3
2.0
V
Analog 3.3V (vdda33v_usb1,
vdda33v_usb2)
-0.3
3.8
V
vdds18v, vdds18v_ddr1,
vdds18v_ddr2, vdds_mlbp,
vdds_ddr1, vdds_ddr2
-0.3
2.1
V
vddshv1-11 (1.8V mode)
-0.3
2.1
V
vddshv1-7 (3.3V mode), vddshv9-11
(3.3V mode)
-0.3
3.8
V
vddshv8 (3.3V mode)
-0.3
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com